Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA548F Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA548F
Description  High-Voltage, High-Current OPERATIONAL AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA548F Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA548F Datasheet HTML 9Page - Texas Instruments OPA548F Datasheet HTML 10Page - Texas Instruments OPA548F Datasheet HTML 11Page - Texas Instruments OPA548F Datasheet HTML 12Page - Texas Instruments OPA548F Datasheet HTML 13Page - Texas Instruments OPA548F Datasheet HTML 14Page - Texas Instruments OPA548F Datasheet HTML 15Page - Texas Instruments OPA548F Datasheet HTML 16Page - Texas Instruments OPA548F Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
OPA548
13
SBOS070B
www.ti.com
avoided with clamp diodes from the output terminal to the
power supplies, as shown in Figure 14. Schottky rectifier
diodes with a 5A or greater continuous rating are recom-
mended.
VOLTAGE SOURCE APPLICATION
Figure 15 illustrates how to use the OPA548 to provide an
accurate voltage source with only three external resistors.
First, the current limit resistor, RCL, is chosen according to
the desired output current. The resulting voltage at the ILIM
pin is constant and stable over temperature. This voltage,
VCL, is connected to the noninverting input of the op amp and
used as a voltage reference, thus eliminating the need for an
external reference. The feedback resistors are selected to
gain VCL to the desired output voltage level.
PROGRAMMABLE POWER SUPPLY
A programmable source/sink power supply can easily be
built using the OPA548. Both the output voltage and output
current are user-controlled. See Figure 16 for a circuit using
potentiometers to adjust the output voltage and current while
Figure 17 uses DACs. An LED tied to the E/S pin through a
logic gate indicates if the OPA548 is in thermal shutdown.
FIGURE 13. Output Disable and Thermal Shutdown Status with Dual Supplies.
FIGURE 12. Output Disable and Thermal Shutdown Status
with a Single Supply.
FIGURE 14. Motor Drive Circuit.
OPA548
V+
E/S
Open Drain
(Output Disable)
HCT
(Thermal Status
Shutdown)
V–
OPA548
V+
E/S
NOTE: (1) Optional—may be required to limit leakage
current of optocoupler at high temperatures.
V–
(1)
6
1
2
4N38
Optocoupler
5
4
HCT or TTL In
5V
6
2
1
4N38
Optocoupler
5
4
Zetex
ZVN3310
TTL Out
7.5k
Ω
1W
5V
G = –
= –4
R
2
R
1
10
Ω
(Carbon)
0.01µF
R
2
20k
Ω
R
1
5k
Ω
OPA548
V–
V+
V
IN
Motor
D
1
D
2
D
1, D2 : Motorola MUR410.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com