Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF34NM60ND Datasheet(PDF) 21 Page - STMicroelectronics

Part # STF34NM60ND
Description  N-channel 600 V, 0.097 Ohm typ., 29 A FDmesh II Power MOSFET (with fast diode) in D2PAK, TO-220FP, TO-220 and TO-247
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF34NM60ND Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STF34NM60ND Datasheet HTML 14Page - STMicroelectronics STF34NM60ND Datasheet HTML 15Page - STMicroelectronics STF34NM60ND Datasheet HTML 16Page - STMicroelectronics STF34NM60ND Datasheet HTML 17Page - STMicroelectronics STF34NM60ND Datasheet HTML 18Page - STMicroelectronics STF34NM60ND Datasheet HTML 19Page - STMicroelectronics STF34NM60ND Datasheet HTML 20Page - STMicroelectronics STF34NM60ND Datasheet HTML 21Page - STMicroelectronics STF34NM60ND Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
STB34NM60ND, STF34NM60ND, STP34NM60ND, STW34NM60ND
Revision history
Doc ID 18099 Rev 5
21/22
6
Revision history
Table 13.
Document revision history
Date
Revision
Changes
04-Nov-2010
1
Initial release.
18-Apr-2011
2
Corrected EAS value in Table 4: Avalanche characteristics
14-Sep-2011
3
Added order code in D2PAK and TO-220FP
Updated Table 1: Device summary, Table 2: Absolute maximum
ratings and Table 3: Thermal data.
Updated Section 4: Package mechanical data.
Added Section 5: Packaging mechanical data.
Minor text changes.
29-Dec-2011
4
Updated description in cover page.
01-Oct-2012
5
Updated title on the cover page.
Updated figures 10, 11, 16 and 17.
Updated Section 4: Package mechanical data.
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com