Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF102 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPF102
Description  JFET VHF Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPF102 Datasheet(HTML) 3 Page - Motorola, Inc

  MPF102 Datasheet HTML 1Page - Motorola, Inc MPF102 Datasheet HTML 2Page - Motorola, Inc MPF102 Datasheet HTML 3Page - Motorola, Inc MPF102 Datasheet HTML 4Page - Motorola, Inc MPF102 Datasheet HTML 5Page - Motorola, Inc MPF102 Datasheet HTML 6Page - Motorola, Inc MPF102 Datasheet HTML 7Page - Motorola, Inc MPF102 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MPF102
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
2.0
VDS, DRAIN–SOURCE VOLTAGE (VOLTS)
0
10
2.0
4.0
6.0
8.0
0
4.0
6.0
8.0
10
12
14
ID = 5.0 mA
100 MHz
VDS = 15 Vdc
f1 = 399 MHz
f2 = 400 MHz
2.0
ID, DRAIN CURRENT (mA)
1.5
6.5
2.5
3.5
4.5
5.5
0
4.0
6.0
8.0
10
12
14
Figure 3. Effects of Drain–Source Voltage
Figure 4. Effects of Drain Current
NOISE FIGURE
(Tchannel = 25°C)
Pin, INPUT POWER PER TONE (dB)
+40
Figure 5. Third Order Intermodulation Distortion
16
18
20
f = 400 MHz
f = 400 MHz
100 MHz
VDS = 15 V
VGS = 0 V
+20
0
–20
–40
–60
–80
– 100
– 120
– 140
– 160
– 120
– 100
– 80
– 60
– 40
– 20
0
+ 20
3RD ORDER INTERCEPT
FUNDAMENTAL
OUTPUT @ IDSS,
0.25 IDSS
3RD ORDER IMD
OUTPUT @ IDSS,
0.25 IDSS
INTERMODULATION CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com