Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8672ARMZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD8672ARMZ
Description  Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8672ARMZ Datasheet(HTML) 2 Page - Analog Devices

  AD8672ARMZ Datasheet HTML 1Page - Analog Devices AD8672ARMZ Datasheet HTML 2Page - Analog Devices AD8672ARMZ Datasheet HTML 3Page - Analog Devices AD8672ARMZ Datasheet HTML 4Page - Analog Devices AD8672ARMZ Datasheet HTML 5Page - Analog Devices AD8672ARMZ Datasheet HTML 6Page - Analog Devices AD8672ARMZ Datasheet HTML 7Page - Analog Devices AD8672ARMZ Datasheet HTML 8Page - Analog Devices AD8672ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD8671/AD8672/AD8674
Data Sheet
Rev. F | Page 2 of 20
TABLE OF CONTENTS
Specifications..................................................................................... 3
Electrical Characteristics, ±5.0 V............................................... 3
Electrical Characteristics, ±15 V ................................................ 4
Absolute Maximum Ratings............................................................ 5
ESD Caution.................................................................................. 5
Typical Performance Characteristics ............................................. 6
Applications..................................................................................... 11
Power Dissipation Calculations................................................ 11
Unity-Gain Follower Applications ........................................... 11
Output Phase Reversal............................................................... 12
Total Noise vs. Source Resistance............................................. 12
Total Harmonic Distortion (THD) and Noise ....................... 13
Driving Capacitive Loads.......................................................... 13
GPS Receiver............................................................................... 14
Band-Pass Filter.......................................................................... 14
PLL Synthesizers and Loop Filters........................................... 14
Outline Dimensions....................................................................... 15
Ordering Guide .......................................................................... 17
REVISION HISTORY
3/13—Rev. E to Rev. F
Added Figure 7.............................................................................. 6
Updated Outline Dimensions................................................... 15
Changes to Ordering Guide ...................................................... 17
6/10—Rev. D to Rev. E
Added Table 1 and Preceding Sentence..................................... 1
12/09—Rev. C to Rev. D
Changes to Features and General Description Sections.......... 1
Changes to Absolute Maximum Ratings Section, Table 3,
and Table 4................................................................................ 5
Added Power Dissipation Calculations Section ..................... 11
Updated Outline Dimensions................................................... 15
Changes to Ordering Guide ...................................................... 17
6/05—Rev. B to Rev. C
Changes to Figure 6...................................................................... 1
Updated Outline Dimensions................................................... 14
Changes to Ordering Guide ...................................................... 16
4/04—Rev. A to Rev. B
Changes to Figure 32.................................................................. 11
Changes to Figures 36, 37, and 38............................................ 12
1/04—Rev. 0 to Rev. A
Added AD8672 and AD8674 parts..............................Universal
Changes to Specifications.............................................................3
Deleted Figure 3.............................................................................6
Changes to Figures 7, 8, and 9 .....................................................6
Changes to Figure 37.................................................................. 12
Added new Figure 32 ................................................................. 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com