Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-EL25-RU000 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-EL25-RU000
Description  Precision Optical Performance AlInGaP II LED Lamps
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-EL25-RU000 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-EL25-RU000 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-RU000 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-RU000 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-RU000 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-RU000 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-RU000 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-RU000 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-RU000 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-RU000 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
T-13/4 (5 mm) Precision Optical Performance AlInGaP II LED Lamps
Selection Guide
Typical Viewing
Angle
2q1/2
(Deg.)[2]
Color and
Dominant
Wavelength
(nm), Typ.[1]
Lamps Without Standoffs
(Outline Drawing A)
Lamps With Standoffs
(Outline Drawing B)
Luminous
Intensity Iv (mcd) [3,4,5]
@ I(f) = 20 mA
Min.
Max.
15°
Am­ber 592
HLMP-EL16-S0000
HLMP-EL18-S0000
1900
–
HLMP-EL16-TW000
2500
7200
HLMP-EL16-UX000
HLMP-EL18-UX000
3200
9300
HLMP-EL16-UXR00
3200
9300
HLMP-EL16-VW000
4200
7200
HLMP-EL16-VX400
7200
21000
HLMP-EL16-VY000
HLMP-EL18-VY000
4200
12000
HLMP-EL16-VYR00
HLMP-EL18-VYR00
4200
12000
HLMP-EL16-VYK00
4200
12000
HLMP-EL16-VYS00
HLMP-EL18-VYS00
4200
12000
Red-Orange 617 HLMP-EH16-TW000
2500
7200
HLMP-EH16-UX000
HLMP-EH18-UX000
3200
9300
HLMP-EH16-VX0DD
4200
9300
Red 630
HLMP-ED16-S0000
HLMP-ED18-S0000
1900
–
HLMP-ED16-TW000
HLMP-ED18-TW000
2500
7200
HLMP-ED18-TWT00
2500
7200
HLMP-ED16-UX000
HLMP-ED18-UX000
3200
9300
HLMP-ED16-UXT00
HLMP-ED18-UXT00
3200
9300
HLMP-ED16-VX000
HLMP-ED18-VX000
4200
9300
Notes:
1. Dom­inant Wavelength, λd, is derived from­ the CIE Chrom­aticity Diagram­ and represents the color of the lam­p.
2. q1/2 is the off-axis angle where the lum­inous intensity is one half the on-axis intensity.
3. The lum­inous intensity is m­easured on the m­echanical axis of the lam­p package.
4. The optical axis is closely aligned with the package m­echanical axis.
5. Tolerance for each intensity bin lim­it is ± 15%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com