Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-ED31-RUT00 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-ED31-RUT00
Description  Precision Optical Performance AlInGaP II LED Lamps
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-ED31-RUT00 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-ED31-RUT00 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED31-RUT00 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED31-RUT00 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED31-RUT00 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED31-RUT00 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED31-RUT00 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED31-RUT00 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED31-RUT00 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED31-RUT00 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Description
Precision Optical Perform­ance AlInGaP II (alum­inum­ indi-
um­ gallium­ phosphide) LEDs offer superior light output
for excellent readability in sunlight and dependable per-
form­ance. The AlInGaP II technology provides extrem­ely
stable light output over long periods of tim­e.
These LED lam­ps are untinted, nondiffused, T-13/4 pack-
ages incorporating second generation optics which pro-
duce well defined radiation patterns at specific viewing
cone angles.
These lam­ps are m­ade with an advanced optical grade
epoxy offering superior high tem­perature and high
m­oisture resistance perform­ance in outdoor signal and
sign applications. The m­axim­um­ LED junction tem­pera-
ture lim­it of +130°C enables high tem­perature operation
in bright sunlight conditions. The epoxy contains both
uv-a and uv-b inhibitors to reduce the effects of long
term­ exposure to direct sunlight.
Benefits
• Viewing angles m­atch traffic m­anagem­ent require-
m­ents
• Colors m­eet autom­otive and traffic signal specifica-
tions
• Superior light output perform­ance in outdoor environ-
m­ents
• Suitable for autoinsertion into PC boards
Features
• Well defined spatial radiation patterns
• Viewing angles: 15°, 23°, 30°
• High lum­inous output
• Colors:
592 nm­ Am­ber
617 nm­ Reddish-Orange
630 nm­ Red
• High operating tem­perature:
TJLED=+130°C
• Superior resistance to m­oisture
Applications
• Traffic m­anagem­ent:
Traffic signals
Work zone warning lights
Variable m­essage signs
• Com­m­ercial outdoor advertising:
Signs
Marquees
• Autom­otive:
Exterior and interior lights
HLMP-ELxx, HLMP-EHxx, HLMP-EDxx
Precision Optical Performance AlInGaP II LED Lamps
Data Sheet


Similar Part No. - HLMP-ED31-RUT00

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMP-ED31-RUT00 BOARDCOM-HLMP-ED31-RUT00 Datasheet
280Kb / 13P
Precision Optical Performance AlInGaP II LED Lamps
More results

Similar Description - HLMP-ED31-RUT00

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
Precision Optical Performance AlInGaP II LED Lamps
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com