Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA733P Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 2SA733P
Description  PNP General Purpose Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2SA733P Datasheet(HTML) 2 Page - Diodes Incorporated

  2SA733P Datasheet HTML 1Page - Diodes Incorporated 2SA733P Datasheet HTML 2Page - Diodes Incorporated 2SA733P Datasheet HTML 3Page - Diodes Incorporated 2SA733P Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
2SA733 Rev. A0
2
Electrical Characteristics T
A=25°C unless otherwise noted
* Pulse Test: Pulse Width
≤ 300 μs, Duty Cycle ≤ 2.0%
hFE Classification
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
Off Characteristics
VCBO
Collector-Base Breakdown Voltage
IC = -10μA, IE = 0
-60
V
VCEO
Collector-Emitter Breakdown Voltage IC = -1mA, IB = 0
-50
V
VEBO
Emitter-Base Breakdown Voltage
IE = -10μA, IC = 0
-5.0
V
ICBO
Collector Cut-off Current
VCB = -60V, IE = 0
-100
nA
IEBO
Emitter Cut-off Current
VEB = -5V, IC = 0
-100
nA
On Characteristics
hFE
DC Current Gain
VCE = -6V, IC = -1mA
90
600
VCE(sat) Collector-Emitter Saturation Voltage
IC = -100mA, IB = -10mA
-15
-300
mV
VBE(on) Base-Emitter On Voltage
VCE = -6V, IC = -1mA
-580
-680
mV
Small Signal Characteristics
fT
Current Gain Bandwidth Product
VCE = -6V, IC = -10mA
50
MHz
Cob
Output Capacitance
VCB = -10V, IE = 0
f = 1.0MHz
6pF
NF
Noise Figure
VCE = -6V, IC = -0.3mA
RG = 10kΩ, f = 100Hz
20
dB
Classification
R
Q
P
K
hFE
90 ~ 180
135 ~ 270
200 ~ 400
300 ~ 600



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com