Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA431SAMF2TF Datasheet(PDF) 2 Page - Diodes Incorporated

Part # KA431SAMF2TF
Description  Programmable Shunt Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

KA431SAMF2TF Datasheet(HTML) 2 Page - Diodes Incorporated

  KA431SAMF2TF Datasheet HTML 1Page - Diodes Incorporated KA431SAMF2TF Datasheet HTML 2Page - Diodes Incorporated KA431SAMF2TF Datasheet HTML 3Page - Diodes Incorporated KA431SAMF2TF Datasheet HTML 4Page - Diodes Incorporated KA431SAMF2TF Datasheet HTML 5Page - Diodes Incorporated KA431SAMF2TF Datasheet HTML 6Page - Diodes Incorporated KA431SAMF2TF Datasheet HTML 7Page - Diodes Incorporated KA431SAMF2TF Datasheet HTML 8Page - Diodes Incorporated KA431SAMF2TF Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
KA431S/KA431SA/KA431SL
2
Absolute Maximum Ratings
(Operating temperature range applies unless otherwise specified.)
Note :
1. Thermal resistance test board
Size: 76.2mm * 114.3mm * 1.6mm (1S0P)
JEDEC Standard: JESD51-3, JESD51-7
2. Assume no ambient airflow.
3. TJMAX = 150
°C, Ratings apply to ambient temperature at 25°C
4. Power dissipation calculation: PD = (TJ - TA)/R
θJA
Recommended Operating Conditions
Parameter
Symbol
Value
Unit
Cathode Voltage
VKA
37
V
Cathode Current Range (Continuous)
IKA
-100 ~ +150
mA
Reference Input Current Range
IREF
-0.05 ~ +10
mA
Thermal Resistance Junction-Air (Note1,2)
MF Suffix Package
R
θJA
350
°C/W
Power Dissipation (Note3,4)
MF Suffix Package
PD
350
mW
Junction Temperature
TJ
150
°C
Operating Temperature Range
TOPR
-25 ~ +85
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C
Parameter
Symbol
Min.
Typ.
Max.
Unit
Cathode Voltage
VKA
VREF
-36
V
Cathode Current
IKA
1.0
-
100
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com