Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3406N Datasheet(PDF) 1 Page - Analog Power

Part # AM3406N
Description  N-Channel 30V (D-S) MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM3406N Datasheet(HTML) 1 Page - Analog Power

  AM3406N Datasheet HTML 1Page - Analog Power AM3406N Datasheet HTML 2Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
AM3406N
Analog Power
April, 2004 - Rev. A
PRELIMINARY
Publication Order Number:
DS-AM3406_A
These miniature surface mount MOSFETs
utilize High Cell Density process. Low r
DS(on)
assures minimal power loss and conserves
energy, making this device ideal for use in
power management circuitry. Typical
applications are power switch, power
management in portable and battery-powered
products such as computers, printers, PCMCIA
cards, cellular and cordless telephones.
VDS (V)
rDS(on) (Ω)ID (A)
0.032 @ VGS = 10 V
6.3
0.044 @ VGS = 4.5V
5.4
PRODUCT SUMMARY
30
N-Channel 30V (D-S) MOSFET
•Low r
DS(on) Provides Higher Efficiency and
Extends Battery Life
•
Low Gate Charge
•
Fast Switch
•
Miniature TSOP-6 Surface Mount Package
Saves Board Space
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
1
2
34
5
6
Symbol Maximum Units
VDS
30
VGS
±20
TA=25
oC6.3
TA=70
oC5.1
IDM
±30
IS
1.7
A
TA=25
oC2.0
TA=70
oC1.3
TJ, Tstg -55 to 150
oC
Power Dissipation
a
PD
Operating Junction and Storage Temperature Range
W
Continuous Source Current (Diode Conduction)
a
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parameter
Pulsed Drain Current
b
V
Gate-Source Voltage
Drain-Source Voltage
Continuous Drain Current
a
ID
A
Symbol Maximum Units
t <= 5 sec
62.5
Steady-State
110
THERMAL RESISTANCE RATINGS
Parameter
oC/W
Maximum Junction-to-Ambient
a
RTHJA


Similar Part No. - AM3406N

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AM3406 AITSEMI-AM3406 Datasheet
893Kb / 8P
MOSFET 30V N-CHANNEL ENHANCEMENT MODE
REV2.0
AM3406A AITSEMI-AM3406A Datasheet
470Kb / 7P
MOSFET 30V N-CHANNEL ENHANCEMENT-MODE
REV1.0
AM3406AE3SR AITSEMI-AM3406AE3SR Datasheet
470Kb / 7P
MOSFET 30V N-CHANNEL ENHANCEMENT-MODE
REV1.0
AM3406AE3SVR AITSEMI-AM3406AE3SVR Datasheet
470Kb / 7P
MOSFET 30V N-CHANNEL ENHANCEMENT-MODE
REV1.0
AM3406E3R AITSEMI-AM3406E3R Datasheet
893Kb / 8P
MOSFET 30V N-CHANNEL ENHANCEMENT MODE
REV2.0
More results

Similar Description - AM3406N

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM1432NE ANALOGPOWER-AM1432NE Datasheet
106Kb / 3P
N-Channel 30V (D-S) MOSFET
AM1330N ANALOGPOWER-AM1330N Datasheet
161Kb / 3P
N-Channel 30V (D-S) MOSFET
AM1430N ANALOGPOWER-AM1430N Datasheet
150Kb / 2P
N-Channel 30V (D-S) MOSFET
AM3456N ANALOGPOWER-AM3456N Datasheet
135Kb / 2P
N-Channel 30V (D-S) MOSFET
AM3456NE ANALOGPOWER-AM3456NE Datasheet
211Kb / 3P
N-Channel 30V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD23N22 BWTECH-MSD23N22 Datasheet
528Kb / 6P
N-Channel 30V (D-S) MOSFET
logo
Analog Power
AM1434N ANALOGPOWER-AM1434N Datasheet
59Kb / 2P
N-Channel 30V (D-S) MOSFET
logo
Leshan Radio Company
LN3410DT2AG LRC-LN3410DT2AG Datasheet
791Kb / 5P
N-Channel 30V (D-S) MOSFET
LN2306ELT1G LRC-LN2306ELT1G Datasheet
715Kb / 5P
N-Channel 30V(D-S) MOSFET VDS= 30V
S-LNB2306ELT1G LRC-S-LNB2306ELT1G Datasheet
457Kb / 5P
N-Channel 30V (D-S) MOSFET , ESD Protected
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com