Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5607BF1MLU6 Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # SPC5607BF1MLU6
Description  Microcontroller Data Sheet
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5607BF1MLU6 Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button SPC5607BF1MLU6 Datasheet HTML 69Page - Freescale Semiconductor, Inc SPC5607BF1MLU6 Datasheet HTML 70Page - Freescale Semiconductor, Inc SPC5607BF1MLU6 Datasheet HTML 71Page - Freescale Semiconductor, Inc SPC5607BF1MLU6 Datasheet HTML 72Page - Freescale Semiconductor, Inc SPC5607BF1MLU6 Datasheet HTML 73Page - Freescale Semiconductor, Inc SPC5607BF1MLU6 Datasheet HTML 74Page - Freescale Semiconductor, Inc SPC5607BF1MLU6 Datasheet HTML 75Page - Freescale Semiconductor, Inc SPC5607BF1MLU6 Datasheet HTML 76Page - Freescale Semiconductor, Inc SPC5607BF1MLU6 Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 110 page
background image
Electrical characteristics
MPC5607B Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
73
4.17
ADC electrical characteristics
4.17.1
Introduction
The device provides two Successive Approximation Register (SAR) analog-to-digital converters (10-bit and 12-bit).
SIRCVAR
CC C Slow internal RC oscillator variation
in temperature and supply with
respect to fSIRC at TA = 55 °C in high
frequency configuration
High frequency configuration
10
—
10
%
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified
2 This does not include consumption linked to clock tree toggling and peripherals consumption when RC oscillator is
ON.
Table 42. Slow internal RC oscillator (128 kHz) electrical characteristics (continued)
Symbol
C
Parameter
Conditions1
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com