Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3441P Datasheet(PDF) 1 Page - Analog Power

Part # AM3441P
Description  P-Channel 20-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM3441P Datasheet(HTML) 1 Page - Analog Power

  AM3441P Datasheet HTML 1Page - Analog Power AM3441P Datasheet HTML 2Page - Analog Power AM3441P Datasheet HTML 3Page - Analog Power AM3441P Datasheet HTML 4Page - Analog Power AM3441P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
AM3441P
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM3441_E
These miniature surface mount MOSFETs utilize a
high cell density trench process to provide low
r
DS(on) and to ensure minimal power loss and heat
dissipation. Typical applications are DC-DC
converters and power management in portable and
battery-powered products such as computers,
printers, PCMCIA cards, cellular and cordless
telephones.
VDS (V)
rDS(on) m(Ω)ID (A)
90 @ VGS = -4.5V
-2.9
130 @ VGS = -2.5V
-2.5
150 @ VGS = -1.8V
-2.3
PRODUCT SUMMARY
-20
P-Channel 20-V (D-S) MOSFET
•Low r
DS(on) provides higher efficiency and
extends battery life
•
Low thermal impedance copper leadframe
TSOP-6 saves board space
•
Fast switching speed
•
High performance trench technology
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Symbol Maximum Units
VDS
-20
VGS
±12
TA=25
oC-2.9
TA=70
oC-2.4
IDM
±16
IS
-1.0
A
TA=25
oC2.0
TA=70
oC1.3
TJ, Tstg -55 to 150
oC
Continuous Source Current (Diode Conduction)
a
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parameter
Pulsed Drain Current
b
V
Gate-Source Voltage
Drain-Source Voltage
Continuous Drain Current
a
ID
A
Power Dissipation
a
PD
Operating Junction and Storage Temperature Range
W
Symbol
Maximum
Units
62.5
oC/W
110
oC/W
THERMAL RESISTANCE RATINGS
Parameter
Maximum Junction-to-Ambient
a
t <= 5 sec
RθJA
1
2
34
5
6


Similar Part No. - AM3441P

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM3442N ANALOGPOWER-AM3442N Datasheet
355Kb / 5P
N-Channel 40-V (D-S) MOSFET
logo
AiT Semiconductor Inc.
AM3443C AITSEMI-AM3443C Datasheet
680Kb / 9P
P-CHANNEL ENHANCEMENT MODE MOSFET
REV2.0
AM3443CE6R AITSEMI-AM3443CE6R Datasheet
680Kb / 9P
P-CHANNEL ENHANCEMENT MODE MOSFET
REV2.0
AM3443CE6VR AITSEMI-AM3443CE6VR Datasheet
680Kb / 9P
P-CHANNEL ENHANCEMENT MODE MOSFET
REV2.0
logo
Analog Power
AM3443P ANALOGPOWER-AM3443P Datasheet
94Kb / 5P
P-Channel 20-V (D-S) MOSFET
More results

Similar Description - AM3441P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1467DH VISHAY-SI1467DH Datasheet
142Kb / 7P
P-Channel 20-V (D-S) MOSFET
02-Jun-08
SI2323DS VISHAY-SI2323DS_08 Datasheet
96Kb / 6P
P-Channel 20-V (D-S) MOSFET
25-Aug-08
SI3443CDV VISHAY-SI3443CDV Datasheet
145Kb / 7P
P-Channel 20-V (D-S) MOSFET
05-Nov-07
logo
Analog Power
AM2305PE ANALOGPOWER-AM2305PE Datasheet
346Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM2325P ANALOGPOWER-AM2325P Datasheet
133Kb / 6P
P-Channel 20-V (D-S) MOSFET
AM3405P ANALOGPOWER-AM3405P Datasheet
224Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM4463P ANALOGPOWER-AM4463P Datasheet
194Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM40P02-20D ANALOGPOWER-AM40P02-20D Datasheet
144Kb / 3P
P-Channel 20-V (D-S) MOSFET
AM50P02-16D ANALOGPOWER-AM50P02-16D Datasheet
145Kb / 3P
P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
P-Channel 20 V (D-S) MOSFET
06-Sep-10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com