Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3531C Datasheet(PDF) 1 Page - Analog Power

Part # AM3531C
Description  N & P-Channel 30-V (D-S) MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM3531C Datasheet(HTML) 1 Page - Analog Power

  AM3531C Datasheet HTML 1Page - Analog Power AM3531C Datasheet HTML 2Page - Analog Power AM3531C Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
AM3531C
PRELIMINARY
Publication Order Number:
DS-AM3531_D
Analog Power
These miniature surface mount MOSFETs
utilize a high cell density trench process to
provide low rDS(on) and to ensure minimal
power loss and heat dissipation. Typical
applications are DC-DC converters and
power management in portable and
battery-powered products such as
computers, printers, PCMCIA cards,
cellular and cordless telephones.
N & P-Channel 30-V (D-S) MOSFET
•Low r
DS(on) provides higher efficiency and
extends battery life
•
Low thermal impedance copper leadframe
TSOP-6 saves board space
•
Fast switching speed
•
High performance trench technology
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
VDS (V)
rDS(on) (Ω)ID (A)
0.058 @ VGS = 4.5V
3.7
0.082 @ VGS = 2.5V
3.1
0.112 @ VGS = -4.5V
-2.7
0.172 @ VGS = -2.5V
-2.2
30
PRODUCT SUMMARY
-26.5
Symbol N-Channel P-Channel Units
VDS
30
-26.5
VGS
±12
±12
TA=25
oC
3.7
-2.7
TA=70
oC2.9
-2.1
IDM
8
-8
IS
1.05
-1.05
A
TA=25
oC
TA=70
oC
TJ, Tstg
oC
Continuous Source Current (Diode Conduction)
a
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parameter
Pulsed Drain Current
b
V
Gate-Source Voltage
Drain-Source Voltage
Continuous Drain Current
a
ID
A
Power Dissipation
a
PD
Operating Junction and Storage Temperature Range
W
1.15
0.7
-55 to 150
Typ
Max
Typ
Max
t <= 10 sec
93
110
93
110
Steady State
130
150
130
150
Maximum Junction-to-Ambient
a
oC/W
Unit
P-Channel
N-Channel
RthJA
THERMAL RESISTANCE RATINGS
Parameter
Symbol
S
2
D
2
G
2
P-Channel MOSFET
D
1
S
1
G
1
N-Channel MOSFET
TSOP-6
Top View
D1
S1
D2
G1
S2
G2
1
2
3
6
5
4


Similar Part No. - AM3531C

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
AM353 CHENYI-AM353 Datasheet
153Kb / 2P
PRESS FIT AUTOMOTIVE RECTIFIER
logo
Analog Power
AM3530C ANALOGPOWER-AM3530C Datasheet
565Kb / 7P
N & P-Channel 30-V (D-S) MOSFET
More results

Similar Description - AM3531C

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM4536C ANALOGPOWER-AM4536C Datasheet
90Kb / 3P
P & N-Channel 30-V (D-S) MOSFET
AM4502C ANALOGPOWER-AM4502C Datasheet
500Kb / 7P
N & P-Channel 30-V (D-S) MOSFET
AM4502CE ANALOGPOWER-AM4502CE Datasheet
319Kb / 8P
P & N-Channel 30-V (D-S) MOSFET
AM4512CE ANALOGPOWER-AM4512CE Datasheet
266Kb / 8P
P & N-Channel 30-V (D-S) MOSFET
AM7530C ANALOGPOWER-AM7530C Datasheet
109Kb / 3P
P & N-Channel 30-V (D-S) MOSFET
AMD534CE ANALOGPOWER-AMD534CE Datasheet
191Kb / 3P
P & N-Channel 30-V (D-S) MOSFET
AM3530C ANALOGPOWER-AM3530C Datasheet
565Kb / 7P
N & P-Channel 30-V (D-S) MOSFET
AM3599CE ANALOGPOWER-AM3599CE Datasheet
402Kb / 7P
N & P-Channel 30-V (D-S) MOSFET
AM4532C ANALOGPOWER-AM4532C Datasheet
410Kb / 7P
N & P-Channel 30-V (D-S) MOSFET
logo
Leshan Radio Company
LNP4606T1G LRC-LNP4606T1G Datasheet
829Kb / 7P
P & N-Channel 30-V (D-S) MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com