Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B57560G0202002 Datasheet(PDF) 2 Page - EPCOS

Part # B57560G0202002
Description  NTC thermistors for temperature measurement
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57560G0202002 Datasheet(HTML) 2 Page - EPCOS

  B57560G0202002 Datasheet HTML 1Page - EPCOS B57560G0202002 Datasheet HTML 2Page - EPCOS B57560G0202002 Datasheet HTML 3Page - EPCOS B57560G0202002 Datasheet HTML 4Page - EPCOS B57560G0202002 Datasheet HTML 5Page - EPCOS B57560G0202002 Datasheet HTML 6Page - EPCOS B57560G0202002 Datasheet HTML 7Page - EPCOS B57560G0202002 Datasheet HTML 8Page - EPCOS B57560G0202002 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Applications
Temperature measurement
Features
Glass-encapsulated, heat-resistive and
highly stable
For temperature measurement up to
300
°C
Leads: dumet wires (copper-clad FeNi)
Options
Leads: nickel-plated dumet wires
Alternative dimensions available on request
Delivery mode
Bulk
Dimensional drawing
Dimensions in mm
Approx. weight 120 mg
General technical data
Climatic category
(IEC 60068-1)
55/300/56
Max. power
(at 25
°C)
P25
50
mW
Resistance tolerance
∆R
R/RR
±1, ±2, ±3
%
Rated temperature
TR
25
°C
Dissipation factor
(in air)
δ
th
approx. 1.3
mW/K
Thermal cooling time constant
(in air)
τ
c
approx. 15
s
Heat capacity
Cth
approx. 20
mJ/K
Temperature measurement
B57560G, B57560G1
Glass-encapsulated sensors
G560/G1560
Page 2 of 22
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com