Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3TW-RVZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM3TW-RVZ
Description  3 Watt | DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3TW-RVZ Datasheet(HTML) 1 Page - AIMTEC

  AM3TW-RVZ Datasheet HTML 1Page - AIMTEC AM3TW-RVZ Datasheet HTML 2Page - AIMTEC AM3TW-RVZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AM3TW-RVZ
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R13.A
1 of 3
North America only
FEATURES:
Models
Single output
Models
Dual output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Capacitive load,
max (μF)
Efficiency
(%)
AM3TW-2405D-RVZ
9-36
±5
±300
±1000
70
AM3TW-2409D-RVZ
9-36
±9
±167
±220
72
AM3TW-2412D-RVZ
9-36
±12
±125
±220
74
AM3TW-2415D-RVZ
9-36
±15
±100
±220
74
AM3TW-2424D-RVZ
9-36
±24
±63
±100
73
AM3TW-4805D-RVZ
18-72
±5
±300
±1000
73
AM3TW-4809D-RVZ
18-72
±9
±167
±220
75
AM3TW-4812D-RVZ
18-72
±12
±125
±220
78
AM3TW-4815D-RVZ
18-72
±15
±100
±220
78
AM3TW-4824D-RVZ
18-72
±24
±63
±100
76
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage Range
24
9-36
VDC
48
18-72
Filter
 (Pi) Network
Absolute Max Rating
24 Vin
-0.7-40
VDC
48 Vin
-0.7-80
Start up time
20
ms
Peak Input Voltage time
15
ms
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1500
VDC
Resistance
> 1000
MOhm
Capacitance
60
pF
 Wide Input Range (4:1)
 Operating temperature -40oC to + 85oC
 24 Pin DIP Package
 Input / Output isolation 1500 VDC
 Metal package
 Pin compatible with multiple manufacturers
 High efficiency up to 79%
 Continuous short circuit protection
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Capacitive load,
max (μF)
Efficiency
(%)
AM3TW-2405S-RVZ
9-36
5
600
2200
70
AM3TW-2409S-RVZ
9-36
9
333
470
72
AM3TW-2412S-RVZ
9-36
12
250
470
75
AM3TW-2415S-RVZ
9-36
15
200
470
75
AM3TW-2424S-RVZ
9-36
24
125
220
74
AM3TW-4805S-RVZ
18-72
5
600
2200
75
AM3TW-4809S-RVZ
18-72
9
333
470
77
AM3TW-4812S-RVZ
18-72
12
250
470
79
AM3TW-4815S-RVZ
18-72
15
200
470
79
AM3TW-4824S-RVZ
18-72
24
125
220
76


Similar Part No. - AM3TW-RVZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3TW-RVZ AIMTEC-AM3TW-RVZ_16 Datasheet
217Kb / 4P
3 Watt | DC-DC Converter
More results

Similar Description - AM3TW-RVZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3G-NZ AIMTEC-AM3G-NZ_11 Datasheet
360Kb / 3P
3 Watt | DC-DC Converter
AM3T-RZ AIMTEC-AM3T-RZ Datasheet
278Kb / 4P
3 Watt | DC-DC Converter
AM3T-VZ AIMTEC-AM3T-VZ Datasheet
592Kb / 5P
3 Watt | DC-DC Converter
AM3D-Z AIMTEC-AM3D-Z_13 Datasheet
480Kb / 4P
3 Watt | DC-DC Converter
AM3G-Z AIMTEC-AM3G-Z_13 Datasheet
280Kb / 5P
3 Watt | DC-DC Converter
AM3Q-Z AIMTEC-AM3Q-Z_13 Datasheet
264Kb / 3P
3 Watt | DC-DC Converter
AM3D-Z AIMTEC-AM3D-Z_16 Datasheet
190Kb / 5P
3 Watt | DC-DC Converter
AM3F-Z AIMTEC-AM3F-Z_16 Datasheet
362Kb / 3P
3 Watt | DC-DC Converter
AM3T-Z AIMTEC-AM3T-Z_16 Datasheet
136Kb / 4P
3 Watt | DC-DC Converter
logo
Wall Industries,Inc.
LANEW3 WALL-LANEW3_16 Datasheet
172Kb / 4P
3 Watt DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com