Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB35N65M5 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STB35N65M5
Description  N-channel 650 V, 0.085 廓, 27 A, MDmesh??V Power MOSFET in D짼PAK, TO-220FP, I짼PAK, TO-220, TO-247
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB35N65M5 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STB35N65M5 Datasheet HTML 14Page - STMicroelectronics STB35N65M5 Datasheet HTML 15Page - STMicroelectronics STB35N65M5 Datasheet HTML 16Page - STMicroelectronics STB35N65M5 Datasheet HTML 17Page - STMicroelectronics STB35N65M5 Datasheet HTML 18Page - STMicroelectronics STB35N65M5 Datasheet HTML 19Page - STMicroelectronics STB35N65M5 Datasheet HTML 20Page - STMicroelectronics STB35N65M5 Datasheet HTML 21Page - STMicroelectronics STB35N65M5 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
STB/F/I/P/W35N65M5
Revision history
Doc ID 15325 Rev 3
21/22
6
Revision history
Table 14.
Document revision history
Date
Revision
Changes
29-Jul-2009
1
First release
01-Sep-2009
2
Figure 10 has been updated
06-Oct-2011
3
Co(er) and Co(tr) values changed in Table 5: Dynamic
Table 6: Switching times parameters updates
Figure 24: Switching time waveform has been corrected
Minor text changes
Section 4: Package mechanical data has been modified. Added:
– Table 8: D²PAK (TO-263) mechanical data, Figure 25: D²PAK (TO-
263) drawing and Figure 26: D²PAK footprint;
– Table 9: TO-220FP mechanical data,and Figure 27: TO-220FP
drawing;
– Table 10: I²PAK (TO-262) mechanical data,and Figure 28: I²PAK
(TO-262) drawing;
– Table 11: TO-220 type A mechanical data,and Figure 29: TO-220
type A drawing;
– Table 12: TO-247 mechanical data,and Figure 30: TO-247
drawing;
Section 5: Packaging mechanical data has been modified. Added:
– Table 13: D²PAK (TO-263) tape and reel mechanical data,
Figure 31: Tape and Figure 32: Reel;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com