Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7891IPFBT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7891IPFBT
Description  14-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7891IPFBT Datasheet(HTML) 2 Page - Texas Instruments

  ADS7891IPFBT Datasheet HTML 1Page - Texas Instruments ADS7891IPFBT Datasheet HTML 2Page - Texas Instruments ADS7891IPFBT Datasheet HTML 3Page - Texas Instruments ADS7891IPFBT Datasheet HTML 4Page - Texas Instruments ADS7891IPFBT Datasheet HTML 5Page - Texas Instruments ADS7891IPFBT Datasheet HTML 6Page - Texas Instruments ADS7891IPFBT Datasheet HTML 7Page - Texas Instruments ADS7891IPFBT Datasheet HTML 8Page - Texas Instruments ADS7891IPFBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
ADS7891
SLAS410 − DECEMBER 2003
www.ti.com
2
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to
damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION
MODEL
MAXIMUM
INTEGRAL
LINEARITY
(LSB)
MAXIMUM
DIFFERENTIAL
LINEARITY
(LSB)
NO MISSING
CODES AT
RESOLUTION
(BIT)
PACKAGE
TYPE
PACKAGE
DESIGNATOR
TEMPERATURE
RANGE
ORDERING
INFORMATION
TRANSPORT
MEDIA QUANTITY
ADS7891
±1.5
+1.5/−1
14
48-Pin
PFB
−40
°C to 85°C
ADS7891IPFBT
Tape and reel
250
ADS7891
±1.5
+1.5/−1
14
48-Pin
TQFP
PFB
−40
°C to 85°C
ADS7891IPFBR
Tape and reel
1000
NOTE: For most current specifications and package information, refer to the TI website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range(1)
UNIT
+IN to AGND
−0.3 V to +VA + 0.1 V
−IN to AGND
−0.3 V to 0.5 V
+VA to AGND
−0.3 V to 7 V
+VBD to BDGND
−0.3 V to 7 V
Digital input voltage to GND
−0.3 V to (+VBD + 0.3 V)
Digital output to GND
−0.3 V to (+VBD + 0.3 V)
Operating temperature range
−40
°C to 85°C
Storage temperature range
−65
°C to 150°C
Junction temperature (TJmax)
150
°C
TQFP package
Power dissipation
(TJ Max–TA)/ θJA
TQFP package
θJA Thermal impedance
86
°C/W
Lead temperature, soldering
Vapor phase (60 sec)
215
°C
Lead temperature, soldering
Infrared (15 sec)
220
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com