Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPIC2113P Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPIC2113P
Description  HIGH AND LOW SIDE DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPIC2113P Datasheet(HTML) 3 Page - Motorola, Inc

  MPIC2113P Datasheet HTML 1Page - Motorola, Inc MPIC2113P Datasheet HTML 2Page - Motorola, Inc MPIC2113P Datasheet HTML 3Page - Motorola, Inc MPIC2113P Datasheet HTML 4Page - Motorola, Inc MPIC2113P Datasheet HTML 5Page - Motorola, Inc MPIC2113P Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MPIC2113
3
Motorola TMOS Power MOSFET Transistor Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Characteristic
Symbol
Min
Typ
Max
Unit
STATIC ELECTRICAL CHARACTERISTICS – SUPPLY CHARACTERISTICS
VBIAS (VCC, VBS, VDD) = 15 V and VSS = COM unless otherwise specified. The VIN, VTH and IIN parameters are referenced to VSS and are
applicable to all three logic input leads: HIN, LIN and SD. The VO and IO parameters are referenced to COM or VSS and are applicable to
the respective output leads: HO or LO.
Logic “1” Input Voltage
VIH
9.5
–
–
V
Logic “0” Input Voltage
VIL
–
–
6.0
High Level Output Voltage, VBIAS–VO @ VIN = VIH, IO = 0 A
VOH
–
–
1.2
Low Level Output Voltage, VO @ VIN = VIL, IO = 0 A
VOL
–
–
0.1
Offset Supply Leakage Current @ VB = VS = 600 V
ILK
–
–
50
µA
Quiescent VBS Supply Current @ VIN = 0 V or VDD
IQBS
–
125
230
Quiescent VCC Supply Current @ VIN = 0 V or VDD
IQCC
–
180
340
Quiescent VDD Supply Current @ VIN = 0 V or VDD
IQDD
–
15
30
Logic “1” Input Bias Current @ VIN = 15 V
IIN+
–
20
40
Logic “0” Input Bias Current @ VIN = 0 V
IIN–
–
–
1.0
VBS Supply Undervoltage Positive Going Threshold
VBSUV+
7.5
–
9.7
V
VBS Supply Undervoltage Negative Going Threshold
VBSUV–
7.0
–
9.4
VCC Supply Undervoltage Positive Going Threshold
VCCUV+
7.4
–
9.6
VCC Supply Undervoltage Negative Going Threshold
VCCUV–
7.0
–
9.4
Output High Short Circuit Pulsed Current
@ VOUT = 0 V, VIN = 15 V, PW ≤10 µs
IO+
2.0
2.5
–
A
Output Low Short Circuit Pulsed Current
@ VOUT = 15 V, VIN = 0 V, PW ≤ 10 µs
IO–
2.0
2.5
–
DYNAMIC ELECTRICAL CHARACTERISTICS
VBIAS (VCC, VBS, VDD) = 15 V and VSS = COM unless otherwise specified. TA = 25°C.
Turn–On Propagation Delay @ VS = 0 V
ton
–
120
150
ns
Turn–Off Propagation Delay @ VS = 600 V
toff
–
94
125
Shutdown Propagation Delay @ VS = 600 V
tsd
–
110
140
Turn–On Rise Time @ CL = 1000 pF
tr
–
25
35
Turn–Off Fall Time @ CL = 1000 pF
tf
–
17
25
Delay Matching, HS & LS Turn–On/Off
MT
–
–
10
TYPICAL CONNECTION
TO
LOAD
10 TO 600 V
VDD
HIN
SD
VSS
VS
HO
VB
LIN
VDD
HIN
SD
VSS
LIN
VCC
LO
VCC
COM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com