Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPIC2117 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPIC2117
Description  SINGLE CHANNEL DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPIC2117 Datasheet(HTML) 2 Page - Motorola, Inc

  MPIC2117 Datasheet HTML 1Page - Motorola, Inc MPIC2117 Datasheet HTML 2Page - Motorola, Inc MPIC2117 Datasheet HTML 3Page - Motorola, Inc MPIC2117 Datasheet HTML 4Page - Motorola, Inc MPIC2117 Datasheet HTML 5Page - Motorola, Inc MPIC2117 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MPIC2117
2
Motorola Power Products Division Advanced Data
SIMPLIFIED BLOCK DIAGRAM
PULSE
GEN
UV
DETECT
PULSE
FILTER
HV
LEVEL
SHIFT
VS
VB
HO
R
R
S
Q
VCC
IN
COM
UV
DETECT
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are absolute
voltages referenced to COM. The Thermal Resistance and Power Dissipation ratings are measured under board mounted and still air
conditions.
Rating
Symbol
Min
Max
Unit
High Side Floating Supply Absolute Voltage
VB
VS
VHO
VCC
VIN
–0.3
625
VDC
High Side Floating Supply Absolute Voltage
High Side Floating Supply Offset Voltage
High Side Floating Output Voltage
Logic Supply Voltage
Logic Input Voltage
VB
VS
VHO
VCC
VIN
–0.3
VB–25
VS–0.3
–0.3
–0.3
625
VB+0.3
VB+0.3
25
VCC+0.3
VDC
High Side Floating Output Voltage
Logic Supply Voltage
Logic Input Voltage
S
VHO
VCC
VIN
B–25
VS–0.3
–0.3
–0.3
B+0.3
VB+0.3
25
VCC+0.3
Logic Supply Voltage
Logic Input Voltage
VCC
VIN
–0.3
–0.3
25
VCC+0.3
Logic Input Voltage
VIN
–0.3
VCC+0.3
Allowable Offset Supply Voltage Transient
dVS/dt
–
50
V/ns
*Package Power Dissipation @ TA ≤ +25°C
(8 Lead DIP)
(8 Lead SOIC)
PD
–
–
–
1.0
0.625
Watt
Thermal Resistance, Junction to Ambient
(8 Lead DIP)
(8 Lead SOIC)
R
θJA
–
–
125
200
°C/W
Operating and Storage Temperature
Tj, Tstg
–55
150
°C
Lead Temperature for Soldering Purposes, 10 seconds
TL
–
260
°C
RECOMMENDED OPERATING CONDITIONS
The Input/Output logic timing Diagram is shown in Figure 1. For proper operation the device should be used within the recommended condi-
tions. The VS offset rating is tested with all supplies biased at 15 V differential.
High Side Floating Supply Absolute Voltage
VB
VS+10
VS+20
V
High Side Floating Supply Offset Voltage
VS
Note 1
600
High Side Floating Output Voltage
VHO
VS
VB
Logic Supply Voltage
VCC
10
20
Logic Input Voltage
VIN
0
VCC
Ambient Temperature
TA
–40
125
°C
Note 1: Logic operational for VS of –5 to +600 V. Logic state held for VS of –5 V to –VBS.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com