Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLHC10 Datasheet(PDF) 1 Page - Allied Components International

Part # MLHC10
Description  High Current Multilayer Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

MLHC10 Datasheet(HTML) 1 Page - Allied Components International

  MLHC10 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MLHC10 High Current Multilayer Inductor
MLHC10-1R0M-RC
1.0
20
1 MHz, 200mV
0.06
2200
Rated Current
Max. (mA)
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Test
Freq.
(MHz)
DCR
Max.
(Ω)
RoHS
714-665-1140
ALLIED COMPONENTS INTERNATIONAL
www.alliedcomponents.com
0.079±0.008
(2.01±0.20)
0.049±0.008
(1.25±0.20)
0.020±0.012
(0.51±0.30)
0.039
(0.99)
0.045
(1.14)
0.047
(1.19)
Dimensions:
Inches
(mm)
MLHC10-4R7M-RC
4.7
20
1 MHz, 200mV
0.30
900
MLHC10-3R3M-RC
3.3
20
1 MHz, 200mV
0.12
1500
MLHC10-2R2M-RC
2.2
20
1 MHz, 200mV
0.10
2000
0.035±0.008
(.90±0.20)
All specifications subject to change without notice.
09/06/12
Features
• 0805 EIA Size
• Multilayer Ferrite Construction
• High Current Capacity
Electrical
Inductance Range: 1.0µh ~ 4.7µh
Tolerance: 5% acrossr entire range
Test Frequency: (L) 1MHZ, 200mV
Operating Temp: -40ºC ~ 105ºC
Rated Current: Based on a temp rise of
no more than 30ºC
Resistance to Soldering Heat
Pre-heating: 150ºC, 1min
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temperature: 260 ± 5ºC
Test Equipment
(L):
HP4291A RF Impedance Analyzer
DCR: Chen Hwa 502 BC
IDC:
HP4284A with HP42841A /
Physical
Packaging: 4000 pieces per 7 inch reel.
Marking: None
Also available in 10% & 20%
Immersion Time: 10 ± 1sec
HP4285A with HP42841A
• Excellent Solderability Characteristics
No Damage with more than 75% coverage
Inductance within 20 of initial value.
MLHC10-4R7M-RC
Inductance v. Frequency Curve


Similar Part No. - MLHC10

ManufacturerPart #DatasheetDescription
logo
MMD Components
MLH MMD-MLH Datasheet
63Kb / 1P
Ceramic J-Lead HCMOS/TTL Oscillator
logo
CBC Group. CBC AMERICA ...
MLH-10X COMPUTAR-MLH-10X Datasheet
410Kb / 1P
10X for 1/2 type Cameras, Macro Zoom C-Mount
2004.5
logo
Honeywell Solid State E...
MLH004BGB01B HONEYWELL-MLH004BGB01B Datasheet
192Kb / 4P
All Metal Pressure Sensors
MLH006PGB01A HONEYWELL-MLH006PGB01A Datasheet
192Kb / 4P
All Metal Pressure Sensors
MLH006PGB01A HONEYWELL-MLH006PGB01A Datasheet
192Kb / 4P
All Metal Pressure Sensors
More results

Similar Description - MLHC10

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIML-0805HC ABRACON-AIML-0805HC Datasheet
1Mb / 3P
Multilayer Ferrite Chip Inductor (High Current)
03.04.14
AIML-1008HC ABRACON-AIML-1008HC Datasheet
698Kb / 3P
Multilayer Ferrite Chip Inductor (High Current)
03.04.14
AIML-1206HC ABRACON-AIML-1206HC Datasheet
1Mb / 3P
Multilayer Ferrite Chip Inductor (High Current)
03.04.14
logo
XFMRS Inc.
XFHCL5-7R8L XFMRS-XFHCL5-7R8L Datasheet
46Kb / 1P
HIGH CURRENT INDUCTOR
XFHCL5-R87L XFMRS-XFHCL5-R87L Datasheet
46Kb / 1P
HIGH CURRENT INDUCTOR
XFHCL6LP-100M XFMRS-XFHCL6LP-100M Datasheet
63Kb / 1P
HIGH CURRENT INDUCTOR
XFHCL6MD-R47M XFMRS-XFHCL6MD-R47M Datasheet
44Kb / 1P
HIGH CURRENT INDUCTOR
XFHCL6ME-220M XFMRS-XFHCL6ME-220M Datasheet
63Kb / 1P
HIGH CURRENT INDUCTOR
logo
Allied Components Inter...
MLPCH11 ALLIED-MLPCH11 Datasheet
640Kb / 1P
High Current Multilayer Inductor
MLPCH12 ALLIED-MLPCH12 Datasheet
645Kb / 1P
High Current Multilayer Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com