Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB464APIK Datasheet(PDF) 3 Page - KODENSHI_AUK CORP.

Part # KB464APIK
Description  KB464APIK (KLB-521 P) is a high bright pink color LED, which has a blue LED chip and is encapsulated by epoxy mixed with phosphor.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KB464APIK Datasheet(HTML) 3 Page - KODENSHI_AUK CORP.

  KB464APIK Datasheet HTML 1Page - KODENSHI_AUK CORP. KB464APIK Datasheet HTML 2Page - KODENSHI_AUK CORP. KB464APIK Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AUK CORP.
KB464APIK (KLB-521 P)
The contents of this data sheet are subject to change without advance notice for the purpose of improvement.
When using this product, would you please refer to the latest specifications.
Rev.O date: 08-AUG-11
AUK-LDM-001(A)
7. Characteristic Graphs
0
0.05
0.1
0.15
0.2
0.25
200
400
600
800
1000
Forward current vs.
Ambient temperature
Radiant Intensity vs.
Forward current
Relative radiant intensity vs.
Ambient temperature
Forward current vs.
Forward voltage
Relative intensity vs.
Wavelength
Ambient temperature Ta[℃]
Forward current IF [mA]
Ambient temperature Ta[℃]
Forward voltage VF[V]
Relative intensity[%]
Radiant Pattern
Angle(deg)
100
0.1
-20
40
20
080
60
10
1
(℃)
40
35
30
25
20
15
10
3.5
3.0
4.0
5
2.0
1.0
0
0
2.5
0
10
20
30
40
50
60
70
80
0
-10
-20
-30
-40
-50
-60
-70
-80
50
50
20 25 30
0
0
3
1
5
0.5
2.0
15
10
1.0
20
80
40
0
020
60
100( )
℃
30
10
40
50



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com