Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B1069 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # B1069
Description  Desoldering Tool
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B1069 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button B1069 Datasheet HTML 9Page - List of Unclassifed Manufacturers B1069 Datasheet HTML 10Page - List of Unclassifed Manufacturers B1069 Datasheet HTML 11Page - List of Unclassifed Manufacturers B1069 Datasheet HTML 12Page - List of Unclassifed Manufacturers B1069 Datasheet HTML 13Page - List of Unclassifed Manufacturers B1069 Datasheet HTML 14Page - List of Unclassifed Manufacturers B1069 Datasheet HTML 15Page - List of Unclassifed Manufacturers B1069 Datasheet HTML 16Page - List of Unclassifed Manufacturers B1069 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
5. Maintenance
12
Properly maintained, the HAKKO 475 desoldering gun should provide years of good ser-
vice. Efficient desoldering depends upon the temperature, and the quality and quantity of the
solder and flux. Perform the following service procedures as dictated by the conditions of the
gunʼs usage.
WARNING : Since the desoldering gun can reach a very high temperature, please work carefully.
Except when cleaning the nozzle and heating element, always turn the power switch
off and disconnect the power plug before performing any maintenance procedure.
CAUTION
The desoldering gun will be extremely
hot. During maintenance, please wear
gloves and work carefully.
1 Inspect and clean the
nozzle.
• Plug in the power cord, turn the
power switch On and let the
nozzle heat up.
• Clean out the hole of the nozzle
with the nozzle cleaning pin.
CAUTION
The cleaning pin will not pass
through the nozzle until the solder in-
side the nozzle is completely melted.
• If the cleaning pin does not pass
through the hole in the nozzle,
clean with the cleaning drill.
• Check the condition of the solder
plating on the tip of the nozzle.
• If it is slightly worn, recoat the tip
with fresh solder to prevent oxida-
tion.
• Check the condition of the surface
and inside hole of the nozzle.
• If either is worn or eroded, or the
inside diameter seems unusually
wide, replace the nozzle.
CAUTION
The inside hole and the surface of
the nozzle is plated with a special
alloy.
Should this alloy become eroded by
high-temperature solder, the nozzle
will not be able to maintain the
proper temperature.
Cleaning with the nozzle cleaning pin
Cleaning with the cleaning drill
• Before cleaning
• After cleaning
Solder plating
Diameter of hole is
widened through
erosion.
(Desoldering Gun)
The cleaning pin passes com-
pletely through the hole.
Insert the bit while turning it clockwise.
Pull the drill bit out straight without turning it.
CAUTION
If the cleaning drill is forced into
the nozzle, the drill bit could break
or be damaged.
CAUTION
Please use the proper size clean-
ing pin or cleaning drill for the
nozzle diameter.
CAUTION
Unfortunately, it is often difficult to
observe this condition. Therefore,
if desoldering efficiency goes
down and all other parts appear
to be OK, the nozzle is probably
eroded and should be replaced.
Servicing the Desoldering Gun



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com