Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4512AC Datasheet(PDF) 3 Page - Analog Power

Part # AM4512AC
Description  P & N-Channel 30-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4512AC Datasheet(HTML) 3 Page - Analog Power

  AM4512AC Datasheet HTML 1Page - Analog Power AM4512AC Datasheet HTML 2Page - Analog Power AM4512AC Datasheet HTML 3Page - Analog Power AM4512AC Datasheet HTML 4Page - Analog Power AM4512AC Datasheet HTML 5Page - Analog Power AM4512AC Datasheet HTML 6Page - Analog Power AM4512AC Datasheet HTML 7Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
AM4512AC
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM4512A_F
Typical Electrical Characteristics (N-Channel)
Output Characteristics
Transfer Characteristics
On-Resistance vs. Junction Temperature
Gate Charge
Capacitance
On-Resistance vs. Drain Current
0
5
10
15
20
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
VDS - Drain-to-Source Voltage (V)
2.5V
4.5V
0
5
10
15
20
25
30
1
1.5
2
2.5
3
3.5
VGS - Gate-to-Source Voltage (V)
TA = -55
oC
125
oC
25
oC
0
400
800
1200
1600
2000
2400
05
10
15
20
VDS - Drain-to-Source Voltage (V)
C
ISS
CRSS
COSS
0.8
1
1.2
1.4
0
5
10
15
20
25
ID - Drain Current (A)
4.5V
10V
0
2
4
6
8
10
0
10
203040
5060
Gate charge ( nC )
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
TJ - Junction Temperature (
oC)
VGS = 4.5V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com