Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP100MC Datasheet(PDF) 12 Page - STMicroelectronics

Part # SMP100MC
Description  Trisil??for telecom equipment protection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP100MC Datasheet(HTML) 12 Page - STMicroelectronics

Back Button SMP100MC_05 Datasheet HTML 5Page - STMicroelectronics SMP100MC_05 Datasheet HTML 6Page - STMicroelectronics SMP100MC_05 Datasheet HTML 7Page - STMicroelectronics SMP100MC_05 Datasheet HTML 8Page - STMicroelectronics SMP100MC_05 Datasheet HTML 9Page - STMicroelectronics SMP100MC_05 Datasheet HTML 10Page - STMicroelectronics SMP100MC_05 Datasheet HTML 11Page - STMicroelectronics SMP100MC_05 Datasheet HTML 12Page - STMicroelectronics SMP100MC_05 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Ordering information
SMP100MC
12/13
Doc ID 9699 Rev 5
5
Ordering information
6
Revision history
Table 6.
Ordering information
Part Number
Marking
Package
Weight
Base qty
Delivery mode
SMP100MC-140
ML14
SMB
98 mg
2500
Tape and reel
SMP100MC-160
ML16
SMP100MC-200
ML20
SMP100MC-230
ML23
SMP100MC-270
ML27
SMP100MC-320
ML32
SMP100MC-360
ML36
SMP100MC-400
ML40
Table 7.
Document revision history
Date
Revision
Changes
September-2003
0B
First issue.
14-Dec-2004
1
Absolute ratings values, table 3 on page 2, updated.
11-May-2005
2
New types introduction.
20-Jun-2005
3
Telecom Circuit Protector added
05-Jan-2006
4
SMP100MC-320 / 360 / 400 in full production (“in development”
mention removed)
09-Feb-2012
5
Added UL statement in Complies with the following standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com