Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4530CE Datasheet(PDF) 2 Page - Analog Power

Part # AM4530CE
Description  P & N-Channel 32-V (D-S) MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4530CE Datasheet(HTML) 2 Page - Analog Power

  AM4530CE Datasheet HTML 1Page - Analog Power AM4530CE Datasheet HTML 2Page - Analog Power AM4530CE Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
AM4530CE
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM4530CE_A
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of the application or
use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary in different applications and
actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by
customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL products are not designed,
intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or
sustain life, or for any other application in which the failure of the APL product could create a situation where personal injury or death may occur.
Should Buyer purchase or use APL products for any such unintended or unauthorized application, Buyer shall indemnify and hold APL and its
officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney
fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that APL was negligent regarding the design or manufacture of the part. APL is an Equal Opportunity/Affirmative Action Employer.
Ch Min
Typ
Max
VGS = VDS, ID = 250 uA
N1.2
VGS = VDS, ID = -250 uA
P
-1.2
-2.5
VGS = -20 V, VDS = 0 V
P±100
V
GS = 20 V, V
DS = 0 V
N±100
VDS = -24 V, VGS = 0 V
P-1
V
DS = 24 V, V
GS = 0 V
N1
VDS = 5 V, VGS = 10 V
N20
VDS = -5 V, VGS = -10 V
P-20
VGS = 10 V, ID = 5.3 A
50
VGS = 4.5 V, ID = 4.2 A
82
VGS = -10 V, ID = -5.2 A
52
VGS = -4.5 V, ID = -42 A
80
VGS = 0 V, IS = 1.3 A
N
0.75
VGS = 0 V, IS = -1.3 A
P-0.88
N2.2
P10
N0.5
P2.2
N0.8
P1.7
N8
P10
N5
P2.8
N23
P53.6
N3
P46
Turn-On Delay Time
td(on)
N-Chaneel
V
DD=15V, VGS=10V, ID=1A ,
R
GEN=6Ω,
P-Channel
VDD=-15V, VGS=-10V, ID=-1A
RGEN=6Ω
nS
Rise Time
tr
Turn-Off Delay Time
td(off)
Fall-Time
tf
Dynamic
Total Gate Charge
Qg
N-Channel
VDS=15V, VGS=10V, ID=5.3A
P-Channel
VDS=-15V, VGS=-10V, ID=-5.2A
nC
Gate-Source Charge
Qgs
Gate-Drain Charge
Qgd
Drain-Source Diode Forward Voltage
VSD
V
On-State Drain Current
A
ID(on)
A
Drain-Source On-Resistance
A
rDS(on)
N
mΩ
P
Gate-Body Leakage
IGSS
nA
Zero Gate Voltage Drain Current
IDSS
uA
Static
Gate-Threshold Voltage
VGS(th)
V
SPECIFICATIONS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Conditions
Limits
Unit



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com