Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1036PI Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOZ1036PI
Description  EZBuck??5A Synchronous Buck Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1036PI Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOZ1036PI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1036PI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1036PI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1036PI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1036PI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1036PI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1036PI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1036PI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1036PI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AOZ1036
Rev. 1.1 September 2010
www.aosmd.com
Page 2 of 17
Ordering Information
AOS Green Products use reduced levels of Halogens, and are also RoHS compliant.
Please visit www.aosmd.com/web/quality/rohs_compliant.jsp for additional information.
Pin Configuration
Pin Description
Part Number
Ambient Temperature Range
Package
Environmental
AOZ1036DI
-40°C to +85°C
5x4 DFN-8
Green Product
AOZ1036PI
Exposed Pad SO-8
Pin Number
Pin Name
Pin Function
5x4 DFN-8
Exposed
Pad SO-8
1
1
PGND
Power ground. Electrically needs to be connected to AGND.
2
2
VIN
Supply voltage input. When VIN rises above the UVLO threshold the
device starts up.
3
3
AGND
Reference connection for controller section. Also used as thermal
connection for controller section. Electrically needs to be connected
to PGND.
4
4
FB
The FB pin is used to determine the output voltage via a resistor
divider between the output and GND.
5
5
COMP
External loop compensation pin.
6
6
EN
The enable pin is active high. Connect it to VIN if not used and do
not leave it open.
7, 8
Pad
LX
PWM output connection to inductor.
7, 8
NC
No Connect. Pin 7 and 8 are not internally connected. Connect
these two pins externally to LX and use them for better thermal
performance.
PGND
VIN
AGND
FB
LX
LX
EN
COMP
5x4 DFN-8
(Top View)
1
2
3
4
8
7
6
5
GND
LX
1
2
3
4
PGND
VIN
AGND
FB
Exposed Pad SO-8
(Top View)
PAD
(LX)
NC
NC
EN
COMP
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com