Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMMK-2103 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # VMMK-2103
Description  E-pHEMT Amplifier in a Wafer Scale Package (0.5 - 6GHz)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

VMMK-2103 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  VMMK-2103 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED VMMK-2103 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies Limited in the United States and other countries.
Data subject to change. Copyright © 2005-2008 Avago Technologies Limited. All rights reserved.
AV02-1250EN - May 12, 2008
Recommended SMT Attachment
The VMMK Packaged Devices are compatible with high
volume surface mount PCB assembly processes.
Manual Assembly for Prototypes
1. Follow ESD precautions while handling packages.
2. Handling should be along the edges with tweezers or
from topside if using a vacuum collet.
3. Recommended attachment is solder paste. Please
see Figure 8 for recommended solder reflow profile.
Conductiveepoxyisnotrecommended.Handsoldering
is not recommended.
4. Apply solder paste using either a stencil printer or
dot placement. The volume of solder paste will be
dependent on PCB and component layout and should
be controlled to ensure consistent mechanical and
electrical performance. Excessive solder will degrade
RF performance.
5. Follow solder paste and vendor’s recommendations
when developing a solder reflow profile. A standard
profile will have a steady ramp up from room
temperature to the pre-heat temp to avoid damage
due to thermal shock.
6. Packages have been qualified to withstand a peak
temperature of 260ºC for 20 to 40 sec. Verify that the
profile will not expose device beyond these limits.
7. Clean off flux per vendor’s recommendations.
8. Clean the module with Acetone. Rinse with alcohol.
Allow the module to dry before testing.
0.5mm
1.05mm
BYYY
0.2mm
0.3mm
0.7mm
0.8mm
0
50
100
150
200
250
300
0
50
100
150
200
250
300
SECONDS
Ramp 1 Preheat Ramp 2 Reflow
Peak = 250 ± 5 °C
Melting point = 218 °C
Cooling
Figure 2. Suggested Lead-Free Reflow Profile for SnAgCu Solder Paste
Outline Drawing
Top and Side View
Bottom View
Notes:
1. • indicates pin 1
2. Dimensions are in millimeters
3. Pad Material is minimum 5.0 um thick Au
Notes:
1. 0.010” Rogers RO4350
Suggested PCB Material and Land Pattern
.014 [0.356]
.010 [0.254]
.020 [0.508]
.005 [0.127]
.008 [0.203]
.022 [0.559]
.014 [0.356]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com