Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2402 Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # AP2402
Description  DUAL 300mA LDO REGULATORS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2402 Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2402_10 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2402_10 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2402_10 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2402_10 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2402_10 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2402_10 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2402_10 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2402_10 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2402_10 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
Mar. 2012 Rev. 2. 0
BCD Semiconductor Manufacturing Limited
Data Sheet
DUAL 300mA LDO REGULATORS
AP2402
0
30
60
90
120
150
180
210
240
270
300
2.70
2.72
2.74
2.76
2.78
2.80
2.82
2.84
2.86
2.88
2.90
Output Current (mA)
2.8V Channel
V
IN=3.8V
T
C=25
oC
Figure 12. Output Voltage vs. Output Current
Typical Performance Characteristics (Continued)
0
50
100
150
200
250
300
350
400
450
500
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Output Current (mA)
1.8V Channel
V
IN=2.8V
T
C=-40
oC
T
C=25
oC
T
C=85
oC
Figure 13. Output Voltage vs. Output Current
0
50
100
150
200
250
300
350
400
450
500
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
Output Current (mA)
2.5V Channel
V
IN=3.5V
T
C=-40
oC
T
C=25
oC
T
C=85
oC
Figure 14. Output Voltage vs. Output Current
0
50
100
150
200
250
300
350
400
450
500
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
Output Current (mA)
2.8V Channel
V
IN=3.8V
T
C=-40
oC
T
C=25
oC
T
C=85
oC
Figure 15. Output Voltage vs. Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com