Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOL-6SSL-L10 Datasheet(PDF) 1 Page - 3M Electronics

Part # VOL-6SSL-L10
Description  Category 6 RJ45 Patch Cables
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

VOL-6SSL-L10 Datasheet(HTML) 1 Page - 3M Electronics

  VOL-6SSL-L10 Datasheet HTML 1Page - 3M Electronics VOL-6SSL-L10 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VolitionTM
Category 6 RJ45 Patch Cables
Part of the 3MTM Volition Network Solutions these Category 6 patch
cables allow you to complete your Category 6 system to EIA/TIA 568
or ISO 11801 Class E and EN 50173-1 Class E performance.
The RJ45 patch cables are available in either UTP or SSTP cable to
ensure the appropriate electromagnetic compatibility protection level
your customer requires
The patch cables are supplied in lengths of 0.5, 1, 2, 3, 4, 5, 7, 10,
12, 15 and 20 metre in the following configurations:
- Category 6 UTP PVC
- Category 6 UTP LSOH
- Category 6 SSTP LSOH
The patch cables comply with Flame Retardancy Standard IEC
60332-1.
LSOH versions are also compliant with IEC 60754-1 as required by
the European Standard EN 50173.
Category 6 RJ45 Patch Cable
Features
3M patch cables offer
• Optimization with 3M Volition RJ45 K6 jacks
• Moulded boot
• Available in 0.5, 1, 2, 3, 4, 5, 7, 10, 12, 15 and 20 metre lengths
• UTP and SSTP versions
Benefits
• offers best channel performance
• better mechanical protection ensures the minimum bend radius is
not exceeded
• Flexibility to complete systems to your requirements
• Solutions for all levels of EMC protection


Similar Part No. - VOL-6SSL-L10

ManufacturerPart #DatasheetDescription
logo
3M Electronics
VOL-6ASFL-L1 3M-VOL-6ASFL-L1 Datasheet
149Kb / 2P
Category 6A S/FTP RJ45 Patch Cables
VOL-6ASFL-L2 3M-VOL-6ASFL-L2 Datasheet
149Kb / 2P
Category 6A S/FTP RJ45 Patch Cables
VOL-6ASFL-L3 3M-VOL-6ASFL-L3 Datasheet
149Kb / 2P
Category 6A S/FTP RJ45 Patch Cables
VOL-6ASFL-L5 3M-VOL-6ASFL-L5 Datasheet
149Kb / 2P
Category 6A S/FTP RJ45 Patch Cables
VOL-6UL4-1000 3M-VOL-6UL4-1000 Datasheet
60Kb / 2P
VolitionTM Category 6 cable 100 Ω, UTP
More results

Similar Description - VOL-6SSL-L10

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1435861-0 MACOM-2-1435861-0 Datasheet
58Kb / 1P
PATCH CORD, AMPTRAC CATEGORY 6, NON-PLENUM, BLUE W/BLU BOOTS
logo
3M Electronics
VOL-5EUP-L0.5 3M-VOL-5EUP-L0.5 Datasheet
124Kb / 2P
Category 5e RJ45 Patch Cables
VOL-6ASFL-L1 3M-VOL-6ASFL-L1 Datasheet
149Kb / 2P
Category 6A S/FTP RJ45 Patch Cables
VOL-PD-CAT5E-24P 3M-VOL-PD-CAT5E-24P Datasheet
66Kb / 2P
Punch Down RJ45 Panels – Category 5e and Category 6
logo
List of Unclassifed Man...
TRD695BLK-25 ETC2-TRD695BLK-25 Datasheet
287Kb / 2P
CATEGORY 6 PATCH CORD
2412 ETC2-2412 Datasheet
115Kb / 5P
Enhanced Category 6 Nonbonded-Pair Cables
logo
Hubbell Incorporated.
PREMISE_C5EPRPGY HUBBELL-PREMISE_C5EPRPGY Datasheet
579Kb / 1P
UTP Cables SPEEDGAIN Category 5e UTP Cable
logo
Bel Fuse Inc.
CA81-020M-01 BEL-CA81-020M-01 Datasheet
506Kb / 1P
Category 8.1 Patch Cords
logo
HARTING Technology Grou...
09-14-001-4623 HARTING-09-14-001-4623 Datasheet
448Kb / 2P
Han RJ45 module, for patch cables & RJ-I
logo
PANDUIT CORP.
NK6PPG48Y PANDUIT-NK6PPG48Y Datasheet
1Mb / 2P
NetKey짰 Category 6 Punchdown Patch Panels
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com