Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOL-6SSL-L15 Datasheet(PDF) 2 Page - 3M Electronics

Part # VOL-6SSL-L15
Description  Category 6 RJ45 Patch Cables
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

VOL-6SSL-L15 Datasheet(HTML) 2 Page - 3M Electronics

  VOL-6SSL-L15 Datasheet HTML 1Page - 3M Electronics VOL-6SSL-L15 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Volition™ Cat 6 RJ45 to RJ45 Patch Cable, UTP, PVC
Length
0.5 m
VOL-6UP-L0.5
1.0 m
VOL-6UP-L1
2.0 m
VOL-6UP-L2
3.0 m
VOL-6UP-L3
4.0 m
VOL-6UP-L4
5.0 m
VOL-6UP-L5
7.0 m
VOL-6UP-L7
10.0 m
VOL-6UP-L10
12.0 m
VOL-6UP-L12
15.0 m
VOL-6UP-L15
20.0 m
VOL-6UP-L20
VolitionTM Cat 6 RJ45 to RJ45 Patch Cable, UTP, LSOH
Length
0.5 m
VOL-6UL-L0.5
1.0 m
VOL-6UL-L1
2.0 m
VOL-6UL-L2
3.0 m
VOL-6UL-L3
4.0 m
VOL-6UL-L4
5.0 m
VOL-6UL-L5
7.0 m
VOL-6UL-L7
10.0 m
VOL-6UL-L10
12.0 m
VOL-6UL-L12
15.0 m
VOL-6UL-L15
20.0 m
VOL-6UL-L20
VolitionTM Cat 6 RJ45 to RJ45 Patch Cable, SSTP, LSOH
Length
0.5 m
VOL-6SSL-L0.5
1.0 m
VOL-6SSL-L1
2.0 m
VOL-6SSL-L2
3.0 m
VOL-6SSL-L3
4.0 m
VOL-6SSL-L4
5.0 m
VOL-6SSL-L5
7.0 m
VOL-6SSL-L7
10.0 m
VOL-6SSL-L10
12.0 m
VOL-6SSL-L12
15.0 m
VOL-6SSL-L15
20.0 m
VOL-6SSL-L20
Also available in Red, Blue, Yellow, Green
Important Notice
3M does not accept reponsibility or liability, direct or consequential arising from reliance upon
any information provided and the user should determine the suitability of the products for their
intended use. Nothing in this statement will be deemed to exclude or restrict 3M´s liability for
death or personal injury arising from its negligence. All questions of liability relating to 3M pro-
ducts are governed by the seller´s terms of sale subject where applicable to the prevailing law.
If any goods supplied or process ed by or on behalf of 3M prove on inspection to be defec-
tive in material or workmanship, 3M will (at its option) replace the same or refund to the Buyer
the price of the goods or services. Except as set out above, all warranties and conditions,
whether express or implied, statutory or otherwise are excluded to the fullest extent permissi-
ble at law.
Specifications
Ordering Information
Ref.-No.
Features
- 3M branded
- Category 6 link component
- Moulded boot
- 4 pairs of flexible multi-stranded copper conductors
- Polyethylene conductor insulation to NFC 32060
- Two types of outer jacket depending on use: PVC or zero halogen
(LS0H*) material with flame retardant properties to IEC 60332-1
* compliant with Standard IEC 60754-1
For SSTP version
-
Synthetic water-repellent tape.
- General shielding by copper braid
- Pair by pair shielding by aluminium/polyester tape
3M and Volition are trademarks of 3M. Quante is a trademark of Quante AG.
3M Telecommunications
Europe, Middle East & North Africa
c/o Quante AG
Carl-Schurz-Straße 1 · 41453 Neuss · Germany
Tel.:
++49 (0)2131 / 14-5999
Fax:
++49 (0)2131 / 14-5998
Internet: www.3MTelecommunications.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com