Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT2140 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AT2140
Description  High Performance ITVS, 4 I/Os, CI/O-VSS<0.6pF, VCC with Blocking Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AT2140 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AT2140 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AT2140 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AT2140 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AT2140 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AT2140 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AT2140 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AT2140 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Advance Datasheet
High Performance ITVS, 4 I/Os, CI/O-VSS<0.6pF, VCC with Blocking Diodes
AT2140
Sep. 2012
Rev. 1.0
BCD Semiconductor Manufacturing Limited
2
Pin Configuration
K6 Package
(SOT-23-6)
1
2
34
5
Pin 1 Mark
6
Figure 2. Pin Configuration of AT2140 (Top View)
Circuit Diagram
Figure 3. Circuit Diagram of AT2140



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com