Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1MD06-059-08 Datasheet(PDF) 1 Page - RMT Ltd.

Part # 1MD06-059-08
Description  Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RMT [RMT Ltd.]
Direct Link  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

1MD06-059-08 Datasheet(HTML) 1 Page - RMT Ltd.

  1MD06-059-08 Datasheet HTML 1Page - RMT Ltd. 1MD06-059-08 Datasheet HTML 2Page - RMT Ltd. 1MD06-059-08 Datasheet HTML 3Page - RMT Ltd. 1MD06-059-08 Datasheet HTML 4Page - RMT Ltd. 1MD06-059-08 Datasheet HTML 5Page - RMT Ltd. 1MD06-059-08 Datasheet HTML 6Page - RMT Ltd. 1MD06-059-08 Datasheet HTML 7Page - RMT Ltd. 1MD06-059-08 Datasheet HTML 8Page - RMT Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
46 Warshavskoe shosse. Moscow 115230  Russia, ph: +7-499-678-2082, fax: +7-499-678-2083, web: www.rmtltd.ru
Copyright 2012. RMT Ltd. The design and specifications of products can be changed by RMT Ltd without notice.
Page 1 of 8
Manufacturing options
Performance Parameters
Dimensions
1MD06-059-XX
Performance data are given for 300K, vacuum
Type
ΔTmax
K
Qmax
W
Imax
A
Umax
V
AC R
Ohm
H
mm
1MD06-059-xx (N=59)
1MD06-059-xx (N=59)
1MD06-059-xx (N=59)
1MD06-059-xx (N=59)
1MD06-059-xx (N=59)
1MD06-059-xx (N=59)
1MD06-059-xx (N=59)
1MD06-059-05
69
13.41
3.1
7.4
1.69
1.6
1MD06-059-08
71
8.95
2.0
7.4
2.66
1.9
1MD06-059-10
72
7.33
1.6
7.4
3.31
2.1
1MD06-059-12
72
6.20
1.4
7.4
3.96
2.3
1MD06-059-15
73
5.03
1.1
7.4
4.93
2.6
A. TEC Assembly:
A. TEC Assembly:
C. Ceramics Surface Options:
C. Ceramics Surface Options:
C. Ceramics Surface Options:
D. Thermistor (optional)
D. Thermistor (optional)
* 1. Solder SnSb (Tmelt=230°C)
1. Blank ceramics (not metallized)
1. Blank ceramics (not metallized)
Can be mounted to cold side
2. Solder AuSn (Tmelt=280°C)
2. Metallized (Au plating)
2. Metallized (Au plating)
ceramics edge. Calibration is
3. Metallized and pre-tinned with:
3. Metallized and pre-tinned with:
available by request.
B. Ceramics:
B. Ceramics:
3.1 Solder 117 (In-Sn, Tmelt =117°C)
E. Terminal contacts
E. Terminal contacts
* 1.Pure Al2O3(100%)
3.2 Solder 138 (Sn-Bi, Tmelt = 138°C)
1. Blank, tinned Copper
2.Alumina (Al2O3- 96%)
3.3 Solder 143 (In-Ag, Tmelt = 143°C)
2. Insulated Wires
3.Aluminum Nitride (AlN)
3.4 Solder 157 (In, Tmelt = 157°C)
3. Insulated, color coded
* - used by default
* - used by default
3.5 Solder 183 (Pb-Sn, Tmelt =183°C)
3.6 Optional (specified by Customer)
Thermoelectric Cooling Solutions


Similar Part No. - 1MD06-059-08

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
1MD06-059-08 RMT-1MD06-059-08 Datasheet
617Kb / 4P
Thermoelectric Module
More results

Similar Description - 1MD06-059-08

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
1MC04-030-05 RMT-1MC04-030-05_12 Datasheet
2Mb / 8P
Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
1MC04-096-03 RMT-1MC04-096-03 Datasheet
2Mb / 9P
Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
1MC04-126-05 RMT-1MC04-126-05 Datasheet
2Mb / 8P
Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
1MC06-024-03-2 RMT-1MC06-024-03-2 Datasheet
2Mb / 8P
Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
1MC06-024-05H RMT-1MC06-024-05H Datasheet
2Mb / 9P
Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
1MC06-046-05 RMT-1MC06-046-05_12 Datasheet
2Mb / 8P
Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
1MC06-050-03 RMT-1MC06-050-03 Datasheet
2Mb / 8P
Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
1MC06-070-05 RMT-1MC06-070-05_12 Datasheet
2Mb / 8P
Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
1MC10-031-08 RMT-1MC10-031-08 Datasheet
2Mb / 8P
Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
1MC06-142-03 RMT-1MC06-142-03_12 Datasheet
1Mb / 6P
Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com