Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1MD06-059-10 Datasheet(PDF) 6 Page - RMT Ltd.

Part # 1MD06-059-10
Description  Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RMT [RMT Ltd.]
Direct Link  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

1MD06-059-10 Datasheet(HTML) 6 Page - RMT Ltd.

  1MD06-059-10 Datasheet HTML 1Page - RMT Ltd. 1MD06-059-10 Datasheet HTML 2Page - RMT Ltd. 1MD06-059-10 Datasheet HTML 3Page - RMT Ltd. 1MD06-059-10 Datasheet HTML 4Page - RMT Ltd. 1MD06-059-10 Datasheet HTML 5Page - RMT Ltd. 1MD06-059-10 Datasheet HTML 6Page - RMT Ltd. 1MD06-059-10 Datasheet HTML 7Page - RMT Ltd. 1MD06-059-10 Datasheet HTML 8Page - RMT Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
46 Warshavskoe shosse. Moscow 115230  Russia, ph: +7-499-678-2082, fax: +7-499-678-2083, web: www.rmtltd.ru
Copyright 2012. RMT Ltd. The design and specifications of products can be changed by RMT Ltd without notice.
Page 6 of 8
Thermoelectric Cooler Overview
Thermoelectric Cooling Solutions
Cold side Ceramics
(top side)
Al2O3 Ceramics by default
(AlN solution is available by
request)
TE Cooler Lead Free
Internal Assembly
(Lead-Free Solder 230,
Sn-Sb)
Pellets (BiTe posts)
Hot Side Ceramics
(bottom side)
Terminal Wires
Application Tips
1. Never heat TE module more than 200˚C (TEC
assembled at 230˚C).
2. Never use TE module without an attached heat sink
at hot (bottom) side.
1. Connect TE module to DC power supply according
to polarity.
2. Do not apply DC current higher than Imax.
Installation
1. Mechanical Mounting. TEC is placed between two heat exchangers . This construction is fixed by screws or in
another mechanical way. It is suitable for large modules (with dimensions 30x30mm and larger). Miniature types
require other assembling methods in most cases.
1. Soldering. This method is suitable for a TE module with metallized outside surfaces. RMT provides this option
and also makes pre-tinning for TE modules.
2. Glueing. It is an up-to-date method that is used by many customers due to availability of glues with good
thermoconductive properties. A glue is usually based on some epoxy compound filled with some
thermoconductive material such as graphite or diamond powders, silver, SiN and others. The application of a
specific type depends on application features and the type of a TE module.
1
2
3
Object being cooled
Object being cooled
Heatsink
Heatsink
TEC
TEC
Soldering
Gluing
Screw mounting
+
-
TEC Polarity
(can be modified by
request)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com