Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD101CWS Datasheet(PDF) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # SD101CWS
Description  SCHOTTKY DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

SD101CWS Datasheet(HTML) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  SD101CWS Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SD101CWS Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES SD101AWS-SD101CWS
0
0.2
0.4
0.6
0.8
1.0
VR REVERSE VOLTAGE.(V)
FIG. 2-TYPICAL FORWARD CHARACTERISTIC
FIG. 1- POWER DERATING CURVE
10
1.0
0.1
0.01
0
10
20
30
40
50
60
10
1
0.1
0.01
0.001
0.0001
TA,AMBIENT TEMPERATURE(
C)
FIG. 4- TYPICAL REVERSE CHARACTERISTICS
VR REVERSE VOLTAGE.(V)
FIG.3- TYPICAL TOTAL CAPACITANCE
VS REVERSE VOLTAGE
VR REVERSE VOLTAGE.(V)
500
400
300
200
100
0
0
25
50
75
100
125
150
See Note1
A
B
C
2
1
0
0
10
20
30
40
50
C
B
A
TA=125 C
TA=75 C
TA=25 C
TA=0 C
TA=-65 C
Tj=25 C
f=1MHz
MDD ELECTRONIC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com