Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSA30C200PB Datasheet(PDF) 2 Page - IXYS Corporation

Part # DSA30C200PB
Description  High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSA30C200PB Datasheet(HTML) 2 Page - IXYS Corporation

  DSA30C200PB Datasheet HTML 1Page - IXYS Corporation DSA30C200PB Datasheet HTML 2Page - IXYS Corporation DSA30C200PB Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DSA 30 C 200 PB
advanced
I
RMS
A
per terminal
35
R thCH
K/W
0.50
M
D
Nm
0.6
mounting torque
0.4
T
stg
°C
150
storage temperature
-55
Weight
g
2
Symbol
Definition
Ratings
typ.
max.
min.
Conditions
RMS current
thermal resistance case to heatsink
Unit
F
C
N
60
mounting force with clip
20
Ordering
Delivering Mode
Base Qty Code Key
Standard
Part Name
DSA 30 C 200 PB
507014
Tube
50
XXXXXX
YYWW
Logo
Marking on product
DateCode
Assembly Code
abcdef
Product Marking
D
S
A
30
C
200
PB
Part number
Diode
Schottky Diode
low VF
Common Cathode
TO-220AB (3)
=
=
=
1)
Marking on Product
DSA30C200PB
Current Rating [A]
Reverse Voltage [V]
=
=
=
=
1) I
RMS is typically limited by the pin-to-chip resistance (1) ; or by the current capability of the chip (2) .
In case of (1) and a common cathode/anode configu ration with a non-isolated ba ckside,
the current capability can be increased by connecting the backside.
IXYS reserves the right to change limits, conditions and dimensions.
20100628
Data according to IEC 60747and per diode unless otherwise specified
© 2010 IXYS all rights reserved



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com