Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4096 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4096
Description  SMB Jack Connector Crimp/Solder Attachment For RG174, RG316, RG188
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4096 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4096 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4096 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMB Jack Connector Crimp/Solder Attachment For RG174, RG316, RG188
Configuration
Connector
SMB Jack
Connector Interface Type
RG174,RG316,RG188
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.84 [21.34]
Width/Dia., in [mm]
0.25 [6.35]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
SMB Jack
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMB Jack Connector Crimp/Solder Attachment For RG174, RG316, RG188 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMB Jack Connector Crimp/Solder Attachment For RG174, RG316, RG188 PE4096
URL:
http://www.pasternack.com/smb-jack-standard-rg174-rg316-rg188-connector-pe4096-p.aspx
PE4096
PE4096 REV
SMB Jack Connector Crimp/Solder Attachment
For RG174, RG316, RG188


Similar Part No. - PE4096

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4096 PASTERNACK-PE4096 Datasheet
396Kb / 3P
SMB Jack Connector Crimp/Solder Attachment
PE4096 PASTERNACK-PE4096_16 Datasheet
396Kb / 3P
SMB Jack Connector Crimp/Solder Attachment
More results

Similar Description - PE4096

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4094 PASTERNACK-PE4094 Datasheet
258Kb / 2P
SMC Jack Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4268 PASTERNACK-PE4268 Datasheet
273Kb / 2P
SMB Jack Connector Clamp/Solder Attachment For RG174, RG316, RG188
PE4046 PASTERNACK-PE4046 Datasheet
262Kb / 3P
SMB Plug Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4097 PASTERNACK-PE4097 Datasheet
271Kb / 3P
SMB Jack Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44148 PASTERNACK-PE44148 Datasheet
204Kb / 2P
FME Jack Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4562 PASTERNACK-PE4562 Datasheet
356Kb / 3P
MCX Jack Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE4901 PASTERNACK-PE4901 Datasheet
241Kb / 2P
MMCX Jack Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE4052 PASTERNACK-PE4052 Datasheet
282Kb / 3P
SMB Plug Right Angle Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE4200 PASTERNACK-PE4200 Datasheet
310Kb / 2P
SMB Plug Connector Clamp - Solder Attachment For RG174, RG316, RG188
PE45158 PASTERNACK-PE45158 Datasheet
386Kb / 3P
SMB Jack Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com