Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPROG-1 Datasheet(PDF) 4 Page - Future Technology Devices International Ltd.

Part # VPROG-1
Description  Vinculum Host Controller Programmer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VPROG-1 Datasheet(HTML) 4 Page - Future Technology Devices International Ltd.

  VPROG-1 Datasheet HTML 1Page - Future Technology Devices International Ltd. VPROG-1 Datasheet HTML 2Page - Future Technology Devices International Ltd. VPROG-1 Datasheet HTML 3Page - Future Technology Devices International Ltd. VPROG-1 Datasheet HTML 4Page - Future Technology Devices International Ltd. VPROG-1 Datasheet HTML 5Page - Future Technology Devices International Ltd. VPROG-1 Datasheet HTML 6Page - Future Technology Devices International Ltd. VPROG-1 Datasheet HTML 7Page - Future Technology Devices International Ltd. VPROG-1 Datasheet HTML 8Page - Future Technology Devices International Ltd. VPROG-1 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
&RS\ULJKW ‹ )XWXUH 7HFKQRORJ\ 'HYLFHV ,QWHUQDWLRQDO /LPLWHG

'RFXPHQW 5HIHUHQFH 1R )7B
9352* 9LQFXOXP +RVW &RQWUROOHU 3URJUDPPHU 'DWDVKHHW 9HUVLRQ 
&OHDUDQFH 1R )7',


%ORFN 'LDJUDP
)LJXUH  9352* 0DLQ %RDUG 'LDJUDP
 %ORFN 'HVFULSWLRQ
7KH 9352* SURJUDPPHU XVHV D )7', )75 86% 8$57 ,& WR LQWHUIDFH EHWZHHQ D 3& 86%
DQG WKH 9LQFXOXP KRVW FRQWUROOHU 7KH 9352* SURJUDPPHU GUDZV LWV SRZHU IURP WKH 86% EXV
XS WR D PD[LPXP RI P$  $ 9 YROWDJH UHJXODWRU LV XVHG WR JHQHUDWH D 9 VXSSO\
IRU WKH SURJUDP DGDSWRU ± ZKLFK LV DOVR VXSSOLHG E\ WKH 9 9%86 YLD D SRZHU VZLWFK 6LJQDOV
WR DQG IURP WKH SURJUDP DGDSWRU DUH EXIIHUHG DQG HQDEOHG EHIRUH EHLQJ GULYHQ WR WKH SURJUDP
DGDSWRU )RXU /('V LQGLFDWH WKH VWDWXV RI WKH SRZHU DQG JLYH SURJUDP GHYLFH SDVVIDLO VWDWXV
DIWHU SURJUDPPLQJ LV FRPSOHWH $ ³3URJUDP´ EXWWRQ LQLWLDWHV WKH SURJUDPPLQJ RI WKH 9LQFXOXP
KRVW FRQWUROOHU GHYLFHV ZKHQ LW LV SXVKHG
 9352* &RQQHFWLRQV
7KHUH DUH  FRQQHFWRUV RQ WKH 9352* SURJUDPPHU 7KH 86% 0,1,% &1 FRQQHFWV WR 3&
86% LQWHUIDFH 7KH  ZD\ VRFNHW &1 FRQQHFWV WR WKH VHOHFWHG SURJUDP DGDSWRU 9352*
6/4)3 RU D 9352*6=,)  7KH IROORZLQJ WDEOHV 7DEOH  DQG 7DEOH  GHVFULEH WKH
IXQFWLRQ RI HDFK FRQQHFWRU
3LQ 1XPEHU
1DPH
7\SH
'HVFULSWLRQ

9%86
3RZHU ,QSXW
9 IURP 86% EXV

'
,QSXW
'DWD 0LQXV

'
,QSXW
'DWD 3OXV

1R
FRQQHFWLRQ
1$
1$

*1'
3RZHU ,QSXW
9
7DEOH  86% &RQQHFWRU &1 6LJQDO 'HVFULSWLRQ
8 6 % ,Q WH UID F H
8 6 % 0 LQ L %
& 1 
   9 9 R OWD J H
5 H J X OD WR U
) 7 ' ,
) 7    5
8 6 % 8 $ 5 7
% X IIH U D Q G
( Q D E OH
  3 LQ 6 R F N H W
& 1 
8 6 %
6 LJ Q D OV
8 $ 5 7
6 LJ Q D OV
  9 9 % 8 6
   9
   9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com