Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4B Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # VR4B
Description  Type VR Vertical Mounting Clamp, Type TH Horizontal Mounting Clip
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

VR4B Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  VR4B Datasheet HTML 1Page - Cornell Dubilier Electronics VR4B Datasheet HTML 2Page - Cornell Dubilier Electronics VR4B Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Capacitor Hardware
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type VR Vertical Mounting Clamp
Type TH Horizontal Mounting Clip
Dimensions in Inches
Nominal Dia.
Catalog
of Part to be
Part Number
Mounted
A
B
C
TH17
0.625
0.312 0.720 0.015
TH25
1.375
0.312 1.500 0.030
CDE VR mounting clamps may be
used to mount any cylindrical ca-
pacitor with a 1” to 3” diameter
that is to be mounted in a verti-
cal position. Material is 1010 CRS,
commercial grade #4 temper ASI
scale. Parts are finished with .0001
(nominal) zinc chromate plating.
Use for mounting CG types, PSU, SF
and MPF types. Material thickness
is .035”
Catalog Part Number
Dimensions
Diameter
Unassembled
Assembled
of Part to be
Without
Screw & Nut
with
A
B
C
Mounted
Screw & Nut
Included
Screw & Nut
1" to 1-1/16
VR1B
VR1
VR1A
1"
1-7/16"
1-7/8*"
1-3/8" to 1-7/16
VR3B
VR3
VR3A
1-3/8"
1-25/32"
2-7/32"
1-1/2" to 1-9/16
VR4B
VR4
VR4A
1-1/2"
1-15/16"
2-11/32"
1-3/4" to 1-13/16
VR6B
VR6
VR6A
1-3/4"
2-1/4"
2-9/16"
2" to 2-1/16
VR8B
VR8
VR8A
2"
2-1/2"
2-13/16"
2-1/2" to 2-9/16
VR10B
VR10
VR10A
2-1/2"
3"
3-5/16"
3" to 3-1/8
VR12B
VR12
VR12A
3"
3-7/16"
3-13/16"
Screw
VRSCREW
—
—
9/16" long 6-32 thread NC-2A
Nut
VRNUT
—
—
Standard hex nut to fit screws
15K Ohm 2 watt bleeder resistors for AC motor start applica-
tions. Saves relay switch contacts and capacitor, particularly in
capacitor start applications. 1/4” quick connect terminals elimi-
nate need for soldering.
ACR15K:
Pack of 10, 15K Ohm 2 watt bleeder resistor without quick con-
nect terminals.
220K Ohm 1 watt bleeder resistors for AC motor run applica-
tions. Saves relay switch contacts and capacitor, particularly in
capacitor run applications. 1/4” quick connect terminals elimi-
nate need for soldering.
ACR220K:
Pack of 10, 220K Ohm 1 watt bleeder resistor without quick con-
nect terminals.
These clips, though designed for
capacitors, have varied applica-
tions to retain many cylindrical
components. They are used ex-
tensively in the electrical and elec-
tronic industries to hold spindles,
condensers, capacitors, tubes,
rods and conduit. Clips have phos-
phate and oil finish.
Material thickness TH13 thru TH17
is .016”. TH21 thru TH25 is .020”
ACR220KT Motor Run Resistor Kit
ACR15KT Motor Start Resistor Kit
VR1, 3 & 4
VR6, 8,10 & 12
B Mtg
.219”
.375”
.156”
2 Holes
.1561” Dia.
.562” .750”
C ±0.01”
0.176” x 0.281”
±0.016 (3 places).
B Mtng ±0.03”
0.344”
±0.016”
0.188”
±0.016”
A ±0.016”
75 º
120 º ±3 º
(3 Places)
Ø 0.201” ±0.005”
B Mtng ±0.03”
0.375”±0.016”
0.075” ±0.016”
0.035”
1.125” ±0.016”
0.500” ±0.016”
Material Thickness
TH17 is 0.016”, TH25
is 0.025”.
Material: 1050 high
carbon steel with
phosphate and oil
finish. TH25 is 1060.
0.594"
(*)
B
A
0.135" Dia. Hole
(*) 0.340" except TH25 is 0.590".
Retaining tabs must
extend lower
than base of clip
C ±0.010"
Added tolerance to "C" dim.
(*) 0.340” execpt TH25 is 0.590”
Retaining tabs
must extend
lower than base
of clip
0.135” Dia. Hole


Similar Part No. - VR4B

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
VR4B KNOWLES-VR4B Datasheet
260Kb / 3P
Type VR Vertical Mounting Clamp
More results

Similar Description - VR4B

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
OMT610BN OHMITE-OMT610BN Datasheet
56Kb / 1P
Panel Mounting Type
logo
Molex Electronics Ltd.
0089002100 MOLEX3-0089002100 Datasheet
213Kb / 4P
Mounting Clip 100
0089002027 MOLEX3-0089002027 Datasheet
213Kb / 4P
Mounting Clip 100
0089002022 MOLEX3-0089002022 Datasheet
213Kb / 4P
Mounting Clip 100
0089002103 MOLEX3-0089002103 Datasheet
213Kb / 4P
Mounting Clip 100
logo
List of Unclassifed Man...
115058-14 ETC1-115058-14 Datasheet
262Kb / 3P
Type VR Vertical Mounting Clamp
logo
Hammond Manufacturing L...
1585CLIP HAMMOND-1585CLIP Datasheet
47Kb / 1P
Vertical Outlet Strip Mounting Clip Kit
logo
List of Unclassifed Man...
48SC004 ETC2-48SC004 Datasheet
125Kb / 2P
Speaker Mounting Clip
logo
Pepperl+Fuchs Inc.
VAZ-2FK-CL2 PF-VAZ-2FK-CL2 Datasheet
110Kb / 1P
Mounting clip
2007-12-19
logo
Amphenol Communications...
10157529 AMPHENOLCS-10157529 Datasheet
165Kb / 2P
USB 3.1 TYPE C RECEPTACLE VERTICAL TH TYPE
2020-04-02
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com