Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS1500-FGG484 Datasheet(PDF) 13 Page - Microsemi Corporation

Part # AFS1500-FGG484
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS1500-FGG484 Datasheet(HTML) 13 Page - Microsemi Corporation

Back Button AFS1500-FGG484 Datasheet HTML 9Page - Microsemi Corporation AFS1500-FGG484 Datasheet HTML 10Page - Microsemi Corporation AFS1500-FGG484 Datasheet HTML 11Page - Microsemi Corporation AFS1500-FGG484 Datasheet HTML 12Page - Microsemi Corporation AFS1500-FGG484 Datasheet HTML 13Page - Microsemi Corporation AFS1500-FGG484 Datasheet HTML 14Page - Microsemi Corporation AFS1500-FGG484 Datasheet HTML 15Page - Microsemi Corporation AFS1500-FGG484 Datasheet HTML 16Page - Microsemi Corporation AFS1500-FGG484 Datasheet HTML 17Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
Revision 4
1-7
Clock Resources
PLLs and Clock Conditioning Circuits (CCCs)
Fusion devices provide designers with very flexible clock conditioning capabilities. Each member of the
Fusion family contains six CCCs. In the two larger family members, two of these CCCs also include a
PLL; the smaller devices support one PLL.
The inputs of the CCC blocks are accessible from the FPGA core or from one of several inputs with
dedicated CCC block connections.
The CCC block has the following key features:
•
Wide input frequency range (fIN_CCC) = 1.5MHz to 350MHz
•
Output frequency range (fOUT_CCC) = 0.75 MHz to 350 MHz
•
Clock phase adjustment via programmable and fixed delays from –6.275 ns to +8.75 ns
•
Clock skew minimization (PLL)
•
Clock frequency synthesis (PLL)
•
On-chip analog clocking resources usable as inputs:
– 100 MHz on-chip RC oscillator
– Crystal oscillator
Additional CCC specifications:
•
Internal phase shift = 0°, 90°, 180°, and 270°
•
Output duty cycle = 50% ± 1.5%
•
Low output jitter. Samples of peak-to-peak period jitter when a single global network is used:
– 70 ps at 350 MHz
– 90 ps at 100 MHz
– 180 ps at 24 MHz
– Worst case < 2.5% × clock period
•
Maximum acquisition time = 150 µs
•
Low power consumption of 5 mW
Global Clocking
Fusion devices have extensive support for multiple clocking domains. In addition to the CCC and PLL
support described above, there are on-chip oscillators as well as a comprehensive global clock
distribution network.
The integrated RC oscillator generates a 100 MHz clock. It is used internally to provide a known clock
source to the flash memory read and write control. It can also be used as a source for the PLLs.
The crystal oscillator supports the following operating modes:
•
Crystal (32.768 KHz to 20 MHz)
•
Ceramic (500 KHz to 8 MHz)
•
RC (32.768 KHz to 4 MHz)
Each VersaTile input and output port has access to nine VersaNets: six main and three quadrant global
networks. The VersaNets can be driven by the CCC or directly accessed from the core via MUXes. The
VersaNets can be used to distribute low-skew clock signals or for rapid distribution of high-fanout nets.
Digital I/Os with Advanced I/O Standards
The Fusion family of FPGAs features a flexible digital I/O structure, supporting a range of voltages (1.5 V,
1.8 V, 2.5 V, and 3.3 V). Fusion FPGAs support many different digital I/O standards, both single-ended
and differential.
The I/Os are organized into banks, with four or five banks per device. The configuration of these banks
determines the I/O standards supported. The banks along the east and west sides of the device support
the full range of I/O standards (single-ended and differential). The south bank supports the Analog Quads
(analog I/O). In the family's two smaller devices, the north bank supports multiple single-ended digital I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com