Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10TQ035PBF Datasheet(PDF) 1 Page - International Rectifier

Part # 10TQ035PBF
Description  SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10TQ035PBF Datasheet(HTML) 1 Page - International Rectifier

  10TQ035PBF Datasheet HTML 1Page - International Rectifier 10TQ035PBF Datasheet HTML 2Page - International Rectifier 10TQ035PBF Datasheet HTML 3Page - International Rectifier 10TQ035PBF Datasheet HTML 4Page - International Rectifier 10TQ035PBF Datasheet HTML 5Page - International Rectifier 10TQ035PBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SCHOTTKY RECTIFIER
10 Amp
Bulletin PD-20827 rev. B 06/06
1
www.irf.com
10TQ...PbF Series
Major Ratings and Characteristics
I
F(AV) Rectangular
10
A
waveform
V
RRM
35-45
V
I
FSM
@ tp = 5 μs sine
1050
A
V
F
@10Apk,T
J=125°C
0.49
V
T
J
range
-55to175
°C
Characteristics
Values
Units
Description/ Features
The 10TQ...PbF Schottky rectifier series has been optimized
for low reverse leakage at high temperature. The proprietary
barrier technology allows for reliable operation up to 175° C
junction temperature. Typical applications are in switching
power supplies, converters, free-wheeling diodes, and re-
verse battery protection.
175° C T
J operation
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Lead-Free ("PbF" suffix)
IF(AV) = 10Amp
VR = 35 - 45V
Case Styles
TO-220AC
Anode
1
3
Cathode
Base
Cathode
2


Similar Part No. - 10TQ035PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
10TQ035PBF VISHAY-10TQ035PBF Datasheet
110Kb / 6P
Schottky Rectifier, 10 A
24-Jun-08
10TQ035PBF VISHAY-10TQ035PBF Datasheet
112Kb / 6P
Schottky Rectifier, 10 A
05-Jun-08
10TQ035PBF VISHAY-10TQ035PBF Datasheet
113Kb / 6P
Schottky Rectifier, 10 A
05-Jun-08
More results

Similar Description - 10TQ035PBF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com