Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E53-C4DR4 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E53-C4DR4
Description  Advanced, 1/16-DIN Ramp/Soak Process Controllers Ideal for Worldwide Use
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E53-C4DR4 Datasheet(HTML) 2 Page - Omron Electronics LLC

  E53-C4DR4 Datasheet HTML 1Page - Omron Electronics LLC E53-C4DR4 Datasheet HTML 2Page - Omron Electronics LLC E53-C4DR4 Datasheet HTML 3Page - Omron Electronics LLC E53-C4DR4 Datasheet HTML 4Page - Omron Electronics LLC E53-C4DR4 Datasheet HTML 5Page - Omron Electronics LLC E53-C4DR4 Datasheet HTML 6Page - Omron Electronics LLC E53-C4DR4 Datasheet HTML 7Page - Omron Electronics LLC E53-C4DR4 Datasheet HTML 8Page - Omron Electronics LLC E53-C4DR4 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Ramp/Soak Process Controller
E5CK--T
A--181
J Accessories (Order Separately)
Stock Note: Shaded models are normally stocked.
Description
Specifications
Compatible controller
Max. quantity
Model
Current transformer; order
only if using heater
50 A load, 5.8 mm hole dia.
E5CK-T
1
E54-CT1
only if using heater
burnout alarm function
120 A load, 12 mm hole dia.
E5CK-T
1
E54-CT3
Terminal cover (supplied
with -500 models)
Provides finger protection from
terminals (VDE0106 part 100)
E5CK-T
1
E53-COV07
Software
For setup and monitoring;
requires optional computer
communications board
All
1
Thermo Tools
(see Note)
Note: Contact Omron for current version information.
Specifications
J Ratings
Model
E5CK-T
Supply voltage
100 to 240 VAC, 50/60 Hz
Power consumption
15 VA
Operating voltage range
85% to 110% of rated supply voltage
Input
Thermocouple
K, J, T, E, L, U, N, R, S, B, W, PLII
p
Platinum resis-
tance thermometer
JPt100, Pt100
Current input
4to20mA, 0to20mA
Voltage input
1to5V, 0 to5V, 1 to 10 V
Input impedance
Current input
150
Ω
p
p
Voltage input
1M
Ω min.
Control output
According to Output Board (see Output Board Ratings and Characteristics)
Auxiliary output
SPST-NO, 1 A at 250 VAC (resistive load)
Control method
ON/OFF or advanced PID control
Setting method
Digital setting using front panel keys or communications features
Indication method
7-segment digital display and LEDs
Additional functions
Standard
Manual output, heating/cooling control, SP limiter, loop burnout alarm, MV limiter,
MV change rate limiter, input digital filter, input shift, run/reset, protect functions,
scaling function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com