Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9HT10 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 9HT10
Description  SMD TUNING FORK, Ceramic surface mount package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

9HT10 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  9HT10 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrical Specifications
Equivalent Series Resistance(ESR)
Features
Dimensions
Q u a r t z C r y s t a l s
SMD TUNING FORK 9HT10
Units:mm
Norminal Frequency
Frequency Tolerance(at 25ºC)
Operation Temperature Range
Shunt Capacitance(C0)
Motional Capacitance(C1)
Insulation Resistance(IR)
Drive Level(DL)
Load Capacitance(CL)
Turnover Temperature(Ti)
Parabolic Coefficient(B)
Aging (at 25ºC)
Storage Temperature Range
32.768 KHz
± 20 ppm
– 40 ~ + 85 ºC
1.4pF typical
6.0fF typical
500 M
0.5
12.5 pF
25 ºC ± 5 ºC
( - 0.04 ± 0.01 ) * 10-6 / ºC
± 3 ppm at first year
– 55 ~ +125 ºC
Item / Type
9HT10
70 K
T10
> Ceramic surface mount package
> Applications in mobile phone, Notebook and DSC.
> RoHS Compliant / Pb Free.
TAG01
TAG01
Remark : Specification subject to change without prior notice. Please confirm with our sales.
3.2 0.1
1.7 0.1
1.0
1.5
1.0


Similar Part No. - 9HT10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9HT10 ETC2-9HT10 Datasheet
251Kb / 1P
SMD TUNING FORK 9HT10
logo
TXC Corporation.
9HT10 TXC-9HT10 Datasheet
988Kb / 1P
2 pads surface mount package.
More results

Similar Description - 9HT10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JTX520 ETC1-JTX520 Datasheet
48Kb / 1P
Surface Mount Tuning Fork Crystal
logo
Raltron Electronics Cor...
RSE-32.768-12.5-B RALTRON-RSE-32.768-12.5-B Datasheet
107Kb / 1P
SURFACE MOUNT TUNING FORK CRYSTAL
RSE-32.768-12.5-C RALTRON-RSE-32.768-12.5-C Datasheet
101Kb / 1P
SURFACE MOUNT TUNING FORK CRYSTAL
RSE-32.768-12.5-D RALTRON-RSE-32.768-12.5-D Datasheet
84Kb / 1P
SURFACE MOUNT TUNING FORK CRYSTAL
logo
CITIZEN ELECTRONICS CO....
CM315 CITIZEN-CM315 Datasheet
84Kb / 1P
TUNING FORK CRYSTAL UNIT (SMD ??Ceramic Package)
CM415 CITIZEN-CM415 Datasheet
89Kb / 1P
TUNING FORK CRYSTAL UNIT (SMD ??Ceramic Package)
CM519 CITIZEN-CM519 Datasheet
83Kb / 1P
TUNING FORK CRYSTAL UNIT (SMD ??Ceramic Package)
logo
Raltron Electronics Cor...
RSM200S RALTRON-RSM200S_17 Datasheet
335Kb / 3P
SURFACE MOUNT TUNING FORK CRYSTAL
RT1610 RALTRON-RT1610 Datasheet
163Kb / 3P
SURFACE MOUNT TUNING FORK CRYSTAL
logo
Abracon Corporation
AB26TR ABRACON-AB26TR Datasheet
75Kb / 1P
TUNING FORK SURFACE MOUNT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com