Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH7770E6 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH7770E6
Description  Ambient Light and Proximity Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7770E6 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH7770E6 Datasheet HTML 1Page - OSRAM GmbH SFH7770E6 Datasheet HTML 2Page - OSRAM GmbH SFH7770E6 Datasheet HTML 3Page - OSRAM GmbH SFH7770E6 Datasheet HTML 4Page - OSRAM GmbH SFH7770E6 Datasheet HTML 5Page - OSRAM GmbH SFH7770E6 Datasheet HTML 6Page - OSRAM GmbH SFH7770E6 Datasheet HTML 7Page - OSRAM GmbH SFH7770E6 Datasheet HTML 8Page - OSRAM GmbH SFH7770E6 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
Sensor Overview
The SFH 7770 E6 comprises photodiodes
for both ambient light detection and
proximity sensing (See Fig. 2).
The
photodiodes are integrated into a single
ASIC
which
also
performs
the
A/D
conversion of the detected signals and
provides an interface for communication
with a host device via the I²C bus.
From functional points of view, the SFH
7770 E6 offers the following features and
properties, which are briefly introduced in
this
section:
Fig. 2: Circuitry of SFH 7770 E6.
Fig. 3: ALS and PS operating modes.
• Proximity sensor
• Ambient light sensor
• Operating modes : TRIGGERED,
STANDBY, FREE-RUNNING
• LED drivers
• I²C communication
• Pinning
For proximity sensing, up to three LEDs can
be driven simultaneously (see Fig 2). This
allows the operation of three independent
proximity sensing channels. At maximum
refresh rate, all three PS values are updated
every 10 ms, which makes the sensor ready
for reliable gesture recognition. All proximity
channels deliver continuous signals with 8bit
resolution. Therefore the PS may not only
be used for pure proximity detection, but
also for distance measurements.
The ambient light sensor is working
independently from the proximity sensor.
The ambient light readings are updated with
a rate down to 100 ms, depending on the
programmable settings (default: 500 ms).
3
Operating Modes
The SFH 7770 E6 can be operated in three
different modes (see Fig. 3), in which the
proximity resp. the ambient light function
can be used independently from each other.
The three basic modes are:
Pin #
Pin label
Description
1
LED 3
Cathode of LED 3
2
LED 2
Cathode of LED 2
3
LED 1
Cathode of LED 1
4
GND_LED
Separate LED ground
5
INT
Interrupt pin
6
VDD
Supply voltage
7
GND
VDD Ground
8
SCL
I²C bus clock line
9
SDA
I²C bus data line
10
N.C.
Not connected
Tab. 1: SFH 7770 E6 pinning.
February 27, 2012
page 2 of 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com