Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH7773 Datasheet(PDF) 13 Page - OSRAM GmbH

Part # SFH7773
Description  (IR-LED Proximity Sensor Ambient Light Sensor)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7773 Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button SFH7773 Datasheet HTML 9Page - OSRAM GmbH SFH7773 Datasheet HTML 10Page - OSRAM GmbH SFH7773 Datasheet HTML 11Page - OSRAM GmbH SFH7773 Datasheet HTML 12Page - OSRAM GmbH SFH7773 Datasheet HTML 13Page - OSRAM GmbH SFH7773 Datasheet HTML 14Page - OSRAM GmbH SFH7773 Datasheet HTML 15Page - OSRAM GmbH SFH7773 Datasheet HTML 16Page - OSRAM GmbH SFH7773 Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
ALS INTERVAL: Ambient light measurement: time interval setting (repetition time) for FREE-RUNNING mode
R/W-Register 0x86
Bit
7
6
5
4
3
2
1
0
not used
time-interval
default XXXXX
010
500 ms
000
100 ms
001
200 ms
010
500 ms
011 1000 ms
100 2000 ms
PART_ID: Part number and revision Identification
R-Register 0x8A
Bit
7
6
5
4
3
2
1
0
Part number ID
Revision ID
1001
0100
MAN_ID: Manufacturer Identification
R-Register 0x8B
Bit
7
6
5
4
3
2
1
0
Manufacturer Identification
0000
0011
ALS_DATA_LSB: Ambient light measurement data (0x8C: LSB)
The result of the ambient light sensor is a 16bit word with MSB and LSB. It is stored in two registers. The binary data can be
converted directly to decimal „lx“ values (max. 65535lx).
R-Register 0x8C
Bit
7
6
5
4
3
2
1
0
LSB data
default
00000000
ALS_DATA_MSB: Ambient light measurement data (0x8D: MSB)
R-Register 0x8D
Bit
7
6
5
4
3
2
1
0
MSB data
default
00000000
ALS_PS STATUS: Status of measurement data for ambient light sensor (ALS) and proximity sensor (PS)
After the measurement data is available in the register (0x8E), the corresponding statusbit (bit #6 for ALS; bit #0 for PS) is set to „1“.
After data has been read by the MCU the statusbit is automatically reset to “0” by the SFH 7773.
Bit #7 is set „1“, if the measured ALS value is outside the threshold level settings (register 0x96... 0x99). Bit #1 is set to “1” if the
measured PS value is above the threshold level (register 0x93). The status of register 0x8E will always be updated if new
measurement data is available.
R-Register 0x8E
Bit
7
6
5
4
3
2
1
0
ALS
Threshold
ALS
data
Not used
PS LED
threshold
PS LED
data
default
00
0000
00
December 12, 2011
page 13 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com