Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH313FA Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH313FA
Description  Emitters and Detectors for Infrared (IR) Touchscreens
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH313FA Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH313FA Datasheet HTML 1Page - OSRAM GmbH SFH313FA Datasheet HTML 2Page - OSRAM GmbH SFH313FA Datasheet HTML 3Page - OSRAM GmbH SFH313FA Datasheet HTML 4Page - OSRAM GmbH SFH313FA Datasheet HTML 5Page - OSRAM GmbH SFH313FA Datasheet HTML 6Page - OSRAM GmbH SFH313FA Datasheet HTML 7Page - OSRAM GmbH SFH313FA Datasheet HTML 8Page - OSRAM GmbH SFH313FA Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
August 13, 2010
page 1 of 14
Emitters and Detectors for Infrared (IR) Touchscreens
Application note
1. Introduction
Touchscreens as a popular user interface
are more and more common. Applications
span from public information systems to
customer self-service terminals. Thus, as a
logical step, more and more devices today
feature this kind of user interface, e.g. bank
automatic teller machines (ATMs), personal
digital assistants (PDAs), mobile phones and
PC displays. The widespread popularity is
actively supported by standard computer
based
operating
systems,
like
e.g.
Windows® 7.
The rapid development of CMOS imaging
sensors and the development of high power
infrared (IR) emitters in slim packages have
led to a series of new optical touchscreen
technologies.
Many
of
them
contain
proprietary technology and solutions. Tab. 1
presents a general overview of different
technologies and their features.
This paper will give an overview on IR-based
touchscreen technologies with a special
focus on infrared emitting diodes (IREDs)
and photodetectors to be used in such
applications. It shall help touchscreen
designers to select suitable IR components
for their system and provide some general
optoelectronic guidelines.
Traditionally, IR touchscreens have faced
three criticisms: Size, cost, and ambient light
sensitivity. The first two concerns stem from
traditional matrix-based systems. However,
new technology and slim packages enable a
significant
decrease
in
bezel
height
combined with a decrease in cost. Camera-
based systems go even further by reducing
significantly the number of parts at the cost
of
added
computing
and
software
Feature
Resistive
Capacitive
Surface
acoustic
wave
IR
matrix-
based
IR
camera-
based
IR
projector-
based
In-cell
optical
Clarity of image
quality
-
o
+
++
++
++
++
Resolution
+
+
o
-
++
++
++
Cost effective for
larger screens
-
-
-
-
++
++
+
Resistance to
vandalism
-
-
+
+
+
++
o
Stable calibration
-
+
+
++
++
++
++
Easy to manufacture
+
o
o
+
+
+
+
Retrofit possibility
++
o
-
++
++
-
-
Any object can
create a touch
o
-
o
++
++
++
-
Touch accuracy
o
+
+
o
++
++
+
Multitouch capability
-
+
o
+
+
+
+
Ambient light
insensitivity
+
+
+
-
o
-
-
Sealable, resistance
to dust
+
+
-
+
++
+
o
Main market
s
m
m
m/l
m/l
l
s
Table 1: Summary of touchscreen technologies and their features.
(++: excellent, +: good, o: ok, -: does not perform well/does not have this function,
screen size: s: small (2” – 10”), m: medium (12” – 30”), l: large (>32”))


Similar Part No. - SFH313FA

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH313FA SIEMENS-SFH313FA Datasheet
44Kb / 5P
.Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
logo
OSRAM GmbH
SFH313FA OSRAM-SFH313FA Datasheet
256Kb / 7P
Silicon NPN Phototransistor
logo
Siemens Semiconductor G...
SFH313FA-2 SIEMENS-SFH313FA-2 Datasheet
44Kb / 5P
.Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
logo
OSRAM GmbH
SFH313FA-2/3 OSRAM-SFH313FA-2/3 Datasheet
256Kb / 7P
Silicon NPN Phototransistor
logo
Siemens Semiconductor G...
SFH313FA-3 SIEMENS-SFH313FA-3 Datasheet
44Kb / 5P
.Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
More results

Similar Description - SFH313FA

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH415 SIEMENS-SFH415 Datasheet
47Kb / 5P
GaAs-IR-Lumineszenzdioden GaAs Infrared Emitters
SFH4510 SIEMENS-SFH4510 Datasheet
58Kb / 6P
GaAs-IR-Lumineszenzdioden 950 nm GaAs Infrared Emitters 950 nm
SFH480 SIEMENS-SFH480 Datasheet
66Kb / 7P
GaAlAs-IR-Lumineszenzdioden 880 nm GaAlAs Infrared Emitters 880 nm
logo
Vishay Siliconix
TCZT8020 VISHAY-TCZT8020_06 Datasheet
103Kb / 7P
Matched Pairs of Emitters and Detectors
04-Sep-06
TCZT8020 VISHAY-TCZT8020_11 Datasheet
246Kb / 11P
Matched Pairs of Emitters and Detectors
15-Mar-11
logo
Honeywell Accelerometer...
SME2470-011 HONEYWELL-ACC-SME2470-011 Datasheet
276Kb / 8P
Ceramic Discrete Surface Mount Emitters and Detectors
SME2470-021 HONEYWELL-ACC-SME2470-021 Datasheet
276Kb / 8P
Ceramic Discrete Surface Mount Emitters and Detectors
logo
Hamamatsu Corporation
C1103-04 HAMAMATSU-C1103-04_15 Datasheet
222Kb / 8P
Accessories for infrared detectors
logo
OSRAM GmbH
SFH-4516 OSRAM-SFH-4516 Datasheet
183Kb / 11P
GaAs Infrared Emitters
SFH-4585 OSRAM-SFH-4585 Datasheet
186Kb / 14P
GaAlAs Infrared Emitters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com