Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH3605 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # SFH3605
Description  Emitters and Detectors for Infrared (IR) Touchscreens
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH3605 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button SFH3605 Datasheet HTML 4Page - OSRAM GmbH SFH3605 Datasheet HTML 5Page - OSRAM GmbH SFH3605 Datasheet HTML 6Page - OSRAM GmbH SFH3605 Datasheet HTML 7Page - OSRAM GmbH SFH3605 Datasheet HTML 8Page - OSRAM GmbH SFH3605 Datasheet HTML 9Page - OSRAM GmbH SFH3605 Datasheet HTML 10Page - OSRAM GmbH SFH3605 Datasheet HTML 11Page - OSRAM GmbH SFH3605 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
August 13, 2010
page 8 of 14
Using visible LED sources (e.g. monitor
backlighting) in IR touchscreen solutions is
recommended, as these LEDs have no IR
content. In contrast most conventional (non-
LED based) light sources emit also in the IR
spectral
range.
E.g.
sunlight
and
incandescent bulbs contain components of
equal or even higher amplitudes in the
visible as well as IR wavelengths range1.
For applications where intense incandescent
or halogen illumination is expected, some
additional electrical-domain effort is advised
to enhance the signal-to-noise ratio.
There are several steps with increasing
complexity to counterfight the IR noise topic.
The implementation depends on the signal
compared to the IR noise level.
The simplest version is the operation of the
emitter and detector in a pulsed and
synchronized operation. An AC-coupling of
the detector signal might efficiently filter out
the present DC-components of the ambient
light. If the IR background noise becomes
more
dominant,
a
more
complex
implementation is necessary. This measure
compares two subsequent measurements.
The first, called the reference (without IR
illumination) is compared with the second,
the signal (with IR illumination). Based on
the difference signal the touch event can be
extracted.
The most demanding solution is the
inclusion of a lock-in amplifier type circuitry,
which demands a modulated emitter signal.
In this case the IRED is modulated with a
carrier frequency and the signal is detected
through a frequency synchronous receiver,
either in a homodyne or heterodyne
structure.
Alternatively,
digital
signal
processing allows a direct detection by
employing computational algorithms (e.g.
Fourier-type). Such a system can be made
immune even to severe IR ambient light
(noise). The selection of the right modulation
frequency and the implementation of a
narrow band-/lowpass filter are key elements
for a high signal-to-noise ratio.
Similar considerations should be undertaken
for camera/line scan systems. In this case, it
is recommended as a first measure to insert
a narrow optical bandpass filter (matching
the IRED wavelength) in front of the camera.
This increases significantly the signal-to-
noise ratio.
4.4 Scalability Issues
Camera-based
and
projector-based
solutions have the advantage of easy
scalability. An increase in resolution is
commonly achieved by utilizing a sensor
with higher resolution. Additionally, the
optical power from the emitters might be
increased to keep the signal-to-noise ratio
stable.
In a more general sense, every free space
beam tends to broaden over distance. This
leads to a decrease of the irradiance over
distance.
The half-angle value is an appropriate
approximation concerning the broadening
and propagation of light in free space in the
so called far field regime2.
Mathematically the irradiance E
e(r) in the far
field drops with the basic relationship E
e(r) ~
1
/r2. As a conclusion: A doubling in distance
r
reduces the irradiance by a factor of four.
Note that the irradiance depends on the
distance and also on the angle (normal to
the surface of the emitter). The irradiance E
e
is related to the radiant intensity I
e (stated in
the data sheet of the optical source) by the
equation I
e = Ee·r
2.
___________________________________________
2 The transition distance between the near- and far field
depends, among other issues, on the package type. For non-
lensed types the transition is usually within the first
centimeter. Devices with a domed lens and narrow angle
might have a transition distance of up to 25 cm. The main
difference between near- and far field lies in the shape and
distribution of the radiation characteristics. For proper
modelling
OSRAM
provides
raytrace
files
if
accurate
information is necessary. An important issue for practical
applications might be that the detector should be located
within the far field. By using non-lensed emitters this is
ensured for almost all applications.
___________________________________________
1 IR noise may contain many frequency components from
various light sources:
- DC (e.g. in sunlight, incandescent or halogen lamps)
- Mains frequency (50/60 Hz) and driver caused harmonics
(e.g. in incandescent and halogen lamps)
- Frequencies depending on the driver/power supply (e.g. up
to kHz range in fluorescent lamps)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com