Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1366DACTC Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXLD1366DACTC
Description  HIGH ACCURACY 1A, 60V LED DRIVER WITH AEC-Q100
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1366DACTC Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXLD1366DACTC Datasheet HTML 1Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 2Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 3Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 4Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 5Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 6Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 7Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 8Page - Diodes Incorporated ZXLD1366DACTC Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
ZXLD1366
ZXLD1366
Document number: DS31992 Rev. 7 - 2
4 of 30
www.diodes.com
May 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Electrical Characteristics (Test conditions: VIN = 24V, TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VSU
Internal regulator start-up threshold
4.85
5.20
V
VSD
Internal regulator shutdown threshold
4.40
4.75
V
IINQoff
Quiescent supply current with output off
ADJ pin grounded
65
108
µA
IINQon
Quiescent supply current with output switching
(Note 9)
ADJ pin floating, L = 68µH,
3 LEDs, f = 260kHz
1.6
mA
VSENSE
Mean current sense threshold voltage
(Defines LED current setting accuracy)
Measured on ISENSE pin with
respect to VIN VADJ = 1.25V;
VIN = 18V
195
200
205
mV
VSENSEHYS
Sense threshold hysteresis
±15
%
ISENSE
ISENSE pin input current
VSENSE = VIN -0.2
4
10
µA
VREF
Internal reference voltage
Measured on ADJ pin with pin
floating
1.25
V
ΔVREF/ΔT
Temperature coefficient of VREF
50
ppm/°C
VADJ
External control voltage range on ADJ pin for DC
brightness control (Note 7)
0.3
2.5
V
VADJoff
DC voltage on ADJ pin to switch device from active
(on) state to quiescent (off) state
VADJ falling
0.15
0.20
0.27
V
VADJon
DC voltage on ADJ pin to switch device from
quiescent (off) state to active (on) state
VADJ rising
0.20
0.25
0.30
V
RADJ
Resistance between ADJ pin and VREF
0 < VADJ < VREF
VADJ > VREF +100mV
30
10.4
50
14.2
65
18.0
k
Ω
ILXmean
Continuous LX switch current
1
A
RLX
LX switch ‘On’ resistance
@ ILX = 1A
0.50
0.75
Ω
ILX(leak)
LX switch leakage current
5
µA
DPWM(LF)
Duty cycle range of PWM signal applied to ADJ pin
during low frequency PWM dimming mode
PWM frequency < 300Hz PWM
amplitude = VREF
Measured on ADJ pin
0.001
1.000
V
Brightness control range
1000:1
DCADJ
DC Brightness control range
(Note 8)
5:1
tSS
Soft start time
Time taken for output current to
reach 90% of final value after
voltage on ADJ pin has risen
above 0.3V. Requires external
capacitor 22nF. See graphs for
more details
2
ms
fLX
Operating frequency
(See graphs for more details)
ADJ pin floating
L = 68µH (0.2V)
IOUT = 1A @ VLED = 3.6V
Driving 3 LEDs
260
kHz
tONmin
Minimum switch ‘ON’ time
LX switch ‘ON’
130
tOFFmin
Minimum switch ‘OFF’ time
LX switch ‘OFF’
70
Notes:
9. Static current of device is approximately 700 µA, see Graph, Page 16
10. 100% brightness corresponds to VADJ = VADJ(nom) = VREF. Driving the ADJ pin above VREF will increase the VSENSE threshold and output current
proportionally.
11. Ratio of maximum brightness to minimum brightness before shutdown VREF = 1.25/0.3. VREF externally driven to 2.5V, ratio 10:1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com