Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMS6004FFTA Datasheet(PDF) 9 Page - Diodes Incorporated

Part # ZXMS6004FFTA
Description  60V N-channel self protected enhancement mode Intellifet MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6004FFTA Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button ZXMS6004FFTA Datasheet HTML 2Page - Diodes Incorporated ZXMS6004FFTA Datasheet HTML 3Page - Diodes Incorporated ZXMS6004FFTA Datasheet HTML 4Page - Diodes Incorporated ZXMS6004FFTA Datasheet HTML 5Page - Diodes Incorporated ZXMS6004FFTA Datasheet HTML 6Page - Diodes Incorporated ZXMS6004FFTA Datasheet HTML 7Page - Diodes Incorporated ZXMS6004FFTA Datasheet HTML 8Page - Diodes Incorporated ZXMS6004FFTA Datasheet HTML 9Page - Diodes Incorporated ZXMS6004FFTA Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ZXMS6004FF
Issue 1 - December 2008
9
www.zetex.com
© Diodes Incorporated, 2008
www.diodes.com
Package information - SOT23F
Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inches
Dim.
Millimeters
Inches
Dim.
Millimeters
Inches
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
A
0.80
1.00
0.0315
0.0394
E
2.30
2.50
0.0906
0.0984
A1
0.00
0.10
0.00
0.0043
E1
1.50
1.70
0.0590
0.0669
b
0.35
0.45
0.0153
0.0161
L
0.48
0.68
0.0189
0.0268
c
0.10
0.20
0.0043
0.0079
L1
0.30
0.50
0.0153
0.0161
D
2.80
3.00
0.1102
0.1181
R
0.05
0.15
0.0019
0.0059
e
0.95 ref
0.0374 ref
O
0°
12°
0°
12°
e1
1.80
2.00
0.0709
0.0787
-
-
-
-
-
D
L1
c
A1
b
R
bb
E1
E
e1
e
L
A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com