Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q16DVSVIP Datasheet(PDF) 69 Page - Winbond

Part # W25Q16DVSVIP
Description  3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16DVSVIP Datasheet(HTML) 69 Page - Winbond

Back Button W25Q16DVSVIP Datasheet HTML 65Page - Winbond W25Q16DVSVIP Datasheet HTML 66Page - Winbond W25Q16DVSVIP Datasheet HTML 67Page - Winbond W25Q16DVSVIP Datasheet HTML 68Page - Winbond W25Q16DVSVIP Datasheet HTML 69Page - Winbond W25Q16DVSVIP Datasheet HTML 70Page - Winbond W25Q16DVSVIP Datasheet HTML 71Page - Winbond W25Q16DVSVIP Datasheet HTML 72Page - Winbond W25Q16DVSVIP Datasheet HTML 73Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 81 page
background image
W25Q16DV
Publication Release Date: October 29, 2012
- 69 -
Revision D
9.
PACKAGE SPECIFICATION
9.1 8-Pin SOIC 150-mil (Package Code SN)
L
θ
c
D
A1
A
e
b
SEATING PLANE
Y
0.25
GAUGE PLANE
E H
E
4
1
5
8
L
θ
c
D
A1
A
e
b
b
b
SEATING PLANE
Y
0.25
GAUGE PLANE
E H
E
E H
E
4
1
5
8
SYMBOL
MILLIMETERS
INCHES
Min
Max
Min
Max
A
1.35
1.75
0.053
0.069
A1
0.10
0.25
0.004
0.010
b
0.33
0.51
0.013
0.020
c
0.19
0.25
0.008
0.010
E
(3)
3.80
4.00
0.150
0.157
D
(3)
4.80
5.00
0.188
0.196
e
(2)
1.27 BSC
0.050 BSC
HE
5.80
6.20
0.228
0.244
Y
(4)
---
0.10
---
0.004
L
0.40
1.27
0.016
0.050
θ
0°
10°
0°
10°
Notes:
1. Controlling dimensions: millimeters, unless otherwise specified.
2. BSC = Basic lead spacing between centers.
3. Dimensions D and E do not include mold flash protrusions and should be measured from the bottom of the package.
4. Formed leads coplanarity with respect to seating plane shall be within 0.004 inches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com