Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAC50 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SAC50
Description  500W Low Capacitance Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SAC50 Datasheet(HTML) 2 Page - Micro Commercial Components

  SAC50 Datasheet HTML 1Page - Micro Commercial Components SAC50 Datasheet HTML 2Page - Micro Commercial Components SAC50 Datasheet HTML 3Page - Micro Commercial Components SAC50 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS @25℃
MCC
PART
NUMBER
STAND-OFF
VOLTAGE
(NOTE 1)
VWM
MINIMUM
BREAKDOWN
VOLTAGE
AT IT=1.0Ma
V(BR)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
IR
MAXIMUM
CLAMPING
VOLTAGE
AT IPP=5.0A
VC
MAXIMUM
PEAK
PULSE
CURRENT
PER FIG.3
IPP
MAXIMUM
JUNCTION
CAPACITAN
CE AT 0
VOLTS
WORKING
INVERSE
BLOCKING
VOLTAGE
VWIB
PEAK
INVERSE
BLOCKING
VOLTAGE
VPIB
V
V
µA
V
Amps
pF
V
V
SAC5.0
5.0
7.60
300
10.0
44.0
50
75
100
SAC6.0
6.0
7.90
300
11.2
41.0
50
75
100
SAC7.0
7.0
8.33
300
12.6
38.0
50
75
100
SAC8.0
8.0
8.89
100
13.4
36.0
50
75
100
SAC8.5
8.5
9.44
50
14.0
34.0
50
75
100
SAC10
10.0
11.10
5
16.3
29.0
50
75
100
SAC12
12.0
13.30
5
19.0
25.0
50
75
100
SAC15
15.0
16.70
5
23.6
20.0
50
75
100
SAC18
18.0
20.00
5
28.8
15.0
50
75
100
SAC22
22.0
24.40
5
35.4
14.0
50
75
100
SAC26
26.0
28.90
5
42.3
11.1
50
75
100
SAC30
30.0
33.30
5
48.6
10.0
50
75
100
SAC36
36.0
40.00
5
60.0
8.6
50
75
100
SAC45
45.0
50.00
5
77.0
6.8
50
150
200
SAC50
50.0
55.50
5
88.0
5.8
50
150
200
Revision: B
2013/01/01
MCC
SAC5.0 THRU SAC50
NOTE:
1) Non-repetitive current pulse, per Fig.3 and derated above
TA=25
℃, per Fig.2
TM
Micro Commercial Components
www.mccsemi.com
2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com