Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XG5W-0231-R Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # XG5W-0231-R
Description  Crimped MIL Connector Sockets for Discrete Wires
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XG5W-0231-R Datasheet(HTML) 2 Page - Omron Electronics LLC

  XG5W-0231-R Datasheet HTML 1Page - Omron Electronics LLC XG5W-0231-R Datasheet HTML 2Page - Omron Electronics LLC XG5W-0231-R Datasheet HTML 3Page - Omron Electronics LLC XG5W-0231-R Datasheet HTML 4Page - Omron Electronics LLC XG5W-0231-R Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Crimped MIL Connector Sockets for Discrete Wires
XG5N/XG5N-U
Double Row Sockets - Crimp Terminal
■ XG5N / XG5N-U
Dimensions (Unit: mm)
Ordering Information
* Order the required number of reels (10,000 contacts).
Note: The pitch between the two polarity guides on Connectors with 50, 60, or 64 contacts is 22.86 mm.
(15.6)
(16.4)
(C)
(D)
14.4
6.10
2.54
B
A
2.54
6.10 7.90
2.54
B
A
2.54
Triangular mark
Polarity guide
XG5N-U (with Lock Levers Attached)
XG5N
No. of contacts
Dimension (mm)
ABCD
10
17.26
10.16
26.80
26.20
14
22.34
15.24
31.88
31.28
16
24.88
17.78
34.42
33.82
20
29.96
22.86
39.50
38.90
26
37.58
30.48
47.12
46.52
30
42.66
35.56
52.20
51.60
34
47.74
40.64
57.28
56.68
40
55.36
48.26
64.90
64.30
50
68.06
60.96
77.60
77.00
60
80.76
73.66
90.30
89.70
64
85.84
78.74
95.38
94.78
Appearance
Socket and Lock Set
Note: The Locks and Sockets
are provided separately.
Socket Housing
Lock Levers
Crimp Contacts, Type 1
Crimp Contacts, Type 2
No. of
contacts
No. of
polarity
guides
Model
Model
Model
Model
Model
10
0
XG5N-100-U
XG5N-100
XG5U-0001
XG5W-0231
(loose contacts)
XG5W-0231-R*
(reel contacts)
XG5W-0232
(loose contacts)
XG5W-0232-R*
(reel contacts)
1
XG5N-101-U
XG5N-101
14
1
XG5N-141-U
XG5N-141
16
1
XG5N-161-U
XG5N-161
20
1
XG5N-201-U
XG5N-201
26
1
XG5N-261-U
XG5N-261
30
1
XG5N-301-U
XG5N-301
34
1
XG5N-341-U
XG5N-341
40
1
XG5N-401-U
XG5N-401
50
1
XG5N-501-U
XG5N-501
2
XG5N-502-U
XG5N-502
60
1
XG5N-601-U
XG5N-601
2
XG5N-602-U
XG5N602
64
1
XG5N-641-U
XG5N-641
2
XG5N-642-U
XG5N-642



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com